Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2000D Datasheet(PDF) 9 Page - Amphenol Corporation

Part # S2000D
Description  PROTIMETER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

S2000D Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button S2000D Datasheet HTML 3Page - Amphenol Corporation S2000D Datasheet HTML 4Page - Amphenol Corporation S2000D Datasheet HTML 5Page - Amphenol Corporation S2000D Datasheet HTML 6Page - Amphenol Corporation S2000D Datasheet HTML 7Page - Amphenol Corporation S2000D Datasheet HTML 8Page - Amphenol Corporation S2000D Datasheet HTML 9Page - Amphenol Corporation S2000D Datasheet HTML 10Page - Amphenol Corporation S2000D Datasheet HTML 11Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 9 of 11
March 2014
Protimeter Speedy
9.
Physical and Chemical Properties
Appearance:
Lump-formed or granular, dark gray material
Smell:
Onion-like, due to presence of phosphine or arsine as impurities.
10. Stability and Reactivity
Calcium carbide reacts violently with water with the liberation of flammable acetylene gas and the formation of corrosive
calcium hydroxide solution. Small amounts of phosphine, arsine, hydrogen sulphide and ammonia are also released.
Even very small amounts of water will react with calcium carbide developing sufficient heat to make the acetylene gas
ignite spontaneously.
Acetylene will react with copper, silver and mercury creating explosive compounds (acetylides which are shock and
temperature sensitive.
11. Toxicological Information
Handling of dust - free, lumped-formed Calcium Carbide is not considered to be a health risk when safety precautions are
taken.
Skin:
Dust may irritate moist skin and can cause skin ulceration and eczema.
Eyes:
Dust may damage the cornea and can in serious cases cause blindness.
Inhalation:
Symptoms of acute poisoning are: nausea, vomiting, disorientation, burning sensation in the
nose or throat and breathing difficulties.
12. Ecological Information
The decomposition products of calcium carbide, acetylene and calcium hydroxide are harmful to fish.
Acetylene:
200 mg/l lethal for trout fry
400 mg/l lethal for gold fish within 24 -48 hrs.
Ca(OH)2:
20 mg/l harmful to fish.
70 mg/l lethal after 26 minutes
13. Disposal Considerations
Small amounts of Calcium Carbide are collected and mixed with diatomaceous earth at a safe place in the open air. Add
small portions of water in a suitable, open container. Ignite the acetylene gas with a pilot flame. Let burn out, and stay for
24 hours. Decant the fluid part and transfer the solid precipitate to an approved site for deposition or burial.
Equipment etc. can be cleaned with water. Observe the possibility of acetylene gas formation and use protective
equipment.
Calcium Carbide
Calcium Carbide (cont.)
Boiling point:
NA
Relative density
2.3 g/cm3
Melting point:
1700 - 1950°C
Bulk density
~1100 kg/m3
Flash point:
Does not flash if dry
Acetylene
pH - value
NA
Explosion limit in air
1.5 – 82%
Vapor pressure (20oC)
<<1 mbar (in dry air)
Ignition temperature
305°C
Solubility (water)
Reacts heavily
Specific gravity (air =1)
0.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com