Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2000D Datasheet(PDF) 1 Page - Amphenol Corporation

Part # S2000D
Description  PROTIMETER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

S2000D Datasheet(HTML) 1 Page - Amphenol Corporation

  S2000D Datasheet HTML 1Page - Amphenol Corporation S2000D Datasheet HTML 2Page - Amphenol Corporation S2000D Datasheet HTML 3Page - Amphenol Corporation S2000D Datasheet HTML 4Page - Amphenol Corporation S2000D Datasheet HTML 5Page - Amphenol Corporation S2000D Datasheet HTML 6Page - Amphenol Corporation S2000D Datasheet HTML 7Page - Amphenol Corporation S2000D Datasheet HTML 8Page - Amphenol Corporation S2000D Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Protimeter® Speedy
User Instructions
AAS-INSSPEEDY2000, Rev. A
March 2014
PROTIMETER
Amphenol
Advanced Sensors
Table of Contents
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
Safety Precautions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
Moisture Test Procedure for Standard Size Speedy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
Moisture Test Procedure for Large Size Speedy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
Special Considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Troubleshooting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
Recommended Spares and Consumables. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
Sample Preparation Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Appendix A - Material Safety Data Sheet (According to Directive 93/112/EU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Introduction
The Series 2000 Speedy moisture tester is a portable system for measuring the moisture content of a wide range of materials
including soils, aggregates, dust and powders (and liquids). The system consists of a rugged plastic case containing a low-
pressure vessel fitted with a pressure gauge and an electronic scale and ancillaries.
Moisture measurements are made by mixing a weighed sample of the material with a calcium carbide reagent in the sealed
pressure vessel. The reagent reacts chemically with water in the sample, producing acetylene gas that in turn increases the
pressure within the vessel. As the pressure increase in the vessel is proportional to the amount of water in the sample, the
moisture content can be read directly from the calibrated pressure gauge.
The Series 2000 Speedy is available in the models listed Table 1 below.
Safety Precautions
• The calcium carbide reagent used with the Speedy tester is a hazardous product that must be handled with care by the user
and with consideration for the environment. Users must follow calcium carbide transportation, storage, handling and
disposal guidelines in accordance with local regulations and/or the calcium carbide Material Safety Data Sheet (MSDS) in
Appendix A of this manual. Users should be familiar with the hazard identification, first aid measures, fire-fighting
measures, accidental release measures, personal protection measures, physical and chemical properties, stability and
reactivity, toxicological information, and ecological information as given in the MSDS (see Appendix A).
• Users of the Speedy must be familiar with the Speedy Moisture Test Procedure detailed in this manual.
Table 1: Series 2000 Speedy Models
Model
Vessel Size
Measurement Range
(H2O% W/W)
Max. Recommended
Particle Size (mm)
Sample Wt.
(g)
L2000C
Large
0-10
20
40
L2000D
Large
0-20
20
20
L2000G
Large
0-50
20
8
S2000C
Standard
0-10
10
12
S2000D
Standard
0-20
10
6


Similar Part No. - S2000D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
S2000 ISC-S2000 Datasheet
39Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
S2000 SAVANTIC-S2000 Datasheet
122Kb / 3P
Silicon NPN Power Transistors
S2000 SAVANTIC-S2000 Datasheet
124Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
S2000A ISC-S2000A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
S2000A SAVANTIC-S2000A Datasheet
123Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - S2000D

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AAS-920-085D AMPHENOL-AAS-920-085D Datasheet
341Kb / 4P
Protimeter Dual-Function Moisture Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com