Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8198SCDS/R Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8198SCDS/R
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198SCDS/R Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8198SCDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
WM8198
Production Data
w
PD Rev 4.0 June 2004
8
Test Conditions
AVDD = DVDD1 = 5.0, DVDD2 = 3.3, AGND = DGND = 0V, TA = 25
°C, MCLK = 12MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Currents
Total supply current
− active
(Three channel mode)
HIGHSPEED = 0
HIGHSPEED=1,MCLK=24MHz
46
72
mA
mA
Total supply current
− active
(Single channel mode)
LINEBYLINE = 1
MCLK = 12MHz
39
mA
Total analogue supply current
active (Three channel mode)
IAVDD
MCLK = 12MHz
42
mA
Total analogue supply current
active (One channel mode)
IAVDD
LINEBYLINE = 1
MCLK = 12MHz
35
mA
Digital core supply current,
DVDD1
− active (Note1)
MCLK = 12MHz
2
mA
Digital I/O supply current,
DVDD2
− active (Note1)
MCLK = 12MHz
2
mA
Supply current
− full power down
mode
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com