Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8198SCDS/R Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8198SCDS/R
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198SCDS/R Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8198SCDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
WM8198
Production Data
w
PD Rev 4.0 June 2004
14
MCLK
VSMP
VS
R
S/CL (CDSREF = 00)
R
S/CL (CDSREF = 01)
R
S/CL (CDSREF = 10)
R
S/CL (CDSREF = 11)
Figure 8 Reset Sample and Clamp Timing
For CIS type sensor signals, non-CDS processing is used. In this case, the video level is processed
with respect to the voltage on pin VRLC/VBIAS, generated internally or externally as described
above. The VRLC/VBIAS pin is sampled by Rs at the same time as Vs samples the video level in this
mode; non-CDS processing is achieved by setting switch 2 in the lower position, CDS = 0.
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by a Programmable Gain Amplifier. The 9-bit
PGA can operate in two modes, a wide gain range (linear on a dB scale) mode or a high resolution
(linear in V/V) mode. The PGA mode is selected by setting the register bit PGAMODE. The default
setting is PGAMODE=0 which selects the wide gain range mode. Figure 9 and Figure 10 show the
transfer functions of the PGA in each mode. The gain and offset for each channel are independently
programmable by writing to control bits DAC[7:0] and PGA[8:0].
Figure 9 Wide Range Gain Mode (PGAMODE=0)
Figure 10 High-Res Gain Mode (PGAMODE=1)
In colour line-by-line mode the gain and offset coefficients for each colour can be multiplexed in order
(Red
→ Green → Blue → Red…) by pulsing the ACYC/RLC pin, or controlled via the FME,
ACYCNRLC and INTM[1:0] bits. Refer to the Line-by-Line Operation section for more details.
ADC INPUT BLACK LEVEL ADJUST
The output from the PGA should be offset to match the full-scale range of the ADC (3V). For
negative-going input video signals, a black level (zero differential) output from the PGA should be
offset to the top of the ADC range by setting register bits PGAFS[1:0]=10. For positive going input
signal the black level should be offset to the bottom of the ADC range by setting PGAFS[1:0]=11.
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
128
256
384
512
Gain register code (PGA[8:0])
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
128
256
384
512
Gain Register Code (PGA[8:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com