Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8198SCDS/R Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8198SCDS/R
Description  (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8198SCDS/R Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8198SCDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8198SCDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
WM8198
Production Data
w
PD Rev 4.0 June 2004
16
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + {260mV
∗ (DAC[7:0]-127.5) } / 127.5 ..................... Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain. The PGA transfer characteristic varies with the value
of the PGAMODE register bit.
If PGAMODE = 0 (wide gain range PGA mode - default):
V3
=
V2
∗ 416/(566 - PGA[8:0]) ………................................... Eqn. 5a
If PGAMODE = 1 (high resolution PGA mode):
V3
=
V2
∗ (1 + PGA[8:0]x4/511).............................................. Eqn. 5b
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 16-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 32767......... PGAFS[1:0] = 00 or 01 Eqn. 6
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} ............................... PGAFS[1:0] = 11 Eqn. 7
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 65535.................. PGAFS[1:0] = 10 Eqn. 8
where the ADC full-scale range, VFS = 3V
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[15:0] = D1[15:0] ..............................................................(INVOP = 0) Eqn. 9
D2[15:0] = 65535 – D1[15:0].................................................(INVOP = 1) Eqn. 10
OUTPUT FORMATS
The digital data output from the ADC is available to the user in 8 or 4-bit wide multiplexed formats by
setting control bit MUXOP[1:0]. Latency of valid output data with respect to VSMP is programmable
by writing to control bits DEL[1:0]. The latency for each mode is shown in the Operating Mode Timing
Diagrams section.
Figure 12 shows the output data formats for Modes 1 – 2 and 4 – 6. Figure 13 shows the output data
formats for Mode 3. Table 1 summarises the output data obtained for each format.
MCLK
4+4+4+4-BIT
OUTPUT
AB
AB
CD
8+8-BIT
OUTPUT
MCLK
4+4+4+4-BIT
OUTPUT
AB
8+8-BIT
OUTPUT
AB
C D
AB
Figure 12 Output Data Formats
(Modes 1
−−−− 2, 4 −−−− 6)
Figure 13 Output Data Formats
(Mode 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com