Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737L Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
17
MICROPHONE BIAS
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. The output voltage is derived from
VREF and is programmable in three steps from 0.75
× AVDD to 1.2 × AVDD, as shown below.
Supply voltage MVDD must be at least 170mV higher than the desired MICBIAS voltage to ensure
correct MICBIAS operation.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Power
Management
1:0
MICBIAS[1:0]
00
Microphone Bias Control
00: MICBIAS OFF (powered down,
high-impedance output)
01: VMICBIAS = 0.75
× AVDD
10: VMICBIAS = 0.9
× AVDD
11: VMICBIAS = 1.2
× AVDD
Table 6 MICBIAS Control
The internal MICBIAS circuitry is shown below. MVDD is a separate power supply pin used only for
MICBIAS and the microphone preamplifiers. When MICBIAS < AVDD, then MVDD can be tied to
AVDD. However, when MICBIAS = 1.2
× AVDD, then MVDD must be large enough to generate this
output voltage, i.e. it must be higher than AVDD.
Note: The maximum voltage for MVDD of 3.6V must be observed.
AGND
MICBIAS
VREF
internal
resistor
MVDD
Figure 6 Microphone Bias Schematic
Note that the maximum source current capability for MICBIAS is 3mA. The external biasing resistors
therefore must be large enough to limit the MICBIAS current to 3mA. Please refer to the
“Applications Information” section for recommended external components.
PGA CONTROL
The Left and Right PGAs match the input signal levels to the ADC input ranges. The PGA gain is
logarithmically adjustable from –97dB to +30dB in 0.5dB steps. Each PGA can be controlled either
by the user or by the ALC function (see “Automatic Level Control” section). When ALC is enabled for
one or both channels then writing to the corresponding PGA gain control register has no effect. The
gain is independently adjustable on both Right and Left Line Inputs. By setting the LVU or RVU bits
whilst programming the PGA gain, both channels can be simultaneously updated. The inputs can
also be muted under software control. The PGA control register maps are shown in Table 7 PGA
Software Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com