Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737L Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
WM8737L
Preliminary Technical Data
w
AI Rev 3.0 May 2004
26
LEFT CHANNEL
RIGHT CHANNEL
ADCLRC
BCLK
ADCDAT
1/fs
n
3
2
1
n-2
n-1
LSB
MSB
n
3
2
1
n-2
n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 12 I
2S Justified Audio Interface (assuming n-bit word length)
In DSP mode, the left channel MSB is available on either the 1
st or 2nd rising edge of BCLK
(selectable by LRP) following a rising edge of ADCLRC. Right channel data immediately follows left
channel data. Depending on word length, BCLK frequency and sample rate, there may be unused
BCLK cycles between the LSB of the right channel data and the next sample.
Figure 13 DSP Mode Audio Interface
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DACDAT/
ADCDAT
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
1 BCLK
Input Word Length (WL)
1/fs
Figure 14 DSP Mode Audio Interface (mode B, LRP=1)
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master/slave mode are summarised
below. Note that dynamically changing the software format may cause erroneous operation of the
interfaces and is therefore not recommended.
All ADC data is signed 2’s complement. The length of the digital audio data is programmable at
16/20/24 or 32 bits, as shown below. The ADC digital filters process data using 24 bits. If the
WM8737L is programmed to output 16 or 20 bit data then it strips the LSBs from the 24 bit data. If
the device is programmed to output 32 bits then it packs the LSBs with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com