Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8737L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
w
WM8737L
Stereo ADC with Microphone Preamplifier
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Advanced Information, May 2004, Rev 3.0
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8737L is a low power stereo audio ADC designed
specifically for portable applications such as minidisc and
memory audio / voice recorders.
The device offers three sets of stereo inputs, which can be
configured for line-level signals, for internal or table-top
microphones, or for DC measurement (battery monitor). A
programmable gain amplifier can be used for automatic
level control (ALC) with user programmable hold, attack and
decay times. The device also has a selectable high pass
filter to remove residual DC offsets.
If the signal source is mono, the WM8737L can run in mono
mode, saving power. It can also mix two channels to mono,
either in the analogue or the digital domain.
Master or slave mode clocking schemes are offered. Stereo
24-bit multi-bit sigma-delta ADCs are used with digital audio
output word lengths from 16-32 bits, and sampling rates
from 8kHz to 96kHz supported.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including gain
controls, analogue or digital mono mixing, and power
management facilities. The device is supplied in a leadless
5x5mm QFN package.
FEATURES
•
SNR 97dB (‘A’ weighted @ 3.3V, 48kHz, normal power
mode)
•
THD –85dB (at –1dB, 3.3V, normal power mode)
•
Complete Stereo / Mono Microphone Interface
-
Programmable microphone preamp
-
Automatic Level Control
-
Low-noise microphone bias voltage
•
Configurable Power / Performance
•
Low Power Mode
-
8.5mW at AVDD = 1.8V (stereo, mic preamps off)
-
20mW at AVDD = 3.3V (stereo, mic preamps off)
•
Low Supply Voltages
-
Analogue 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
-
Digital I/O: 1.8V to 3.6V
•
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
•
Audio sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1,
48, 88.2, 96kHz generated internally from master clock
•
32-pin QFN package, 5 x 5 x 0.9mm
APPLICATIONS
•
Memory Audio / Voice Recorders
•
Minidisc Recorders
•
Portable Digital Music Systems
BLOCK DIAGRAM


Similar Part No. - WM8737L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
More results

Similar Description - WM8737L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
logo
Nuvoton Technology Corp...
NAU85L20 NUVOTON-NAU85L20 Datasheet
2Mb / 47P
Dual Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40B NUVOTON-NAU85L40B Datasheet
2Mb / 57P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40 NUVOTON-NAU85L40 Datasheet
933Kb / 24P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
logo
Generalplus Technology ...
GPY0050A1 GENERALPLUS-GPY0050A1 Datasheet
953Kb / 21P
12--bit ADC with Microphone Preamplifier
logo
Nuvoton Technology Corp...
NAU85L20B NUVOTON-NAU85L20B Datasheet
1Mb / 44P
Dual Audio ADC with Integrated FLL and Microphone Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com