Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.121 Datasheet(PDF) 6 Page - PULS GmbH

Part # CD5.121
Description  DC/DC Converter 12V, 8A
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.121 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CD5.121 Datasheet HTML 2Page - PULS GmbH CD5.121 Datasheet HTML 3Page - PULS GmbH CD5.121 Datasheet HTML 4Page - PULS GmbH CD5.121 Datasheet HTML 5Page - PULS GmbH CD5.121 Datasheet HTML 6Page - PULS GmbH CD5.121 Datasheet HTML 7Page - PULS GmbH CD5.121 Datasheet HTML 8Page - PULS GmbH CD5.121 Datasheet HTML 9Page - PULS GmbH CD5.121 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CD5.121
CD-Series
DC/DC Converter 12V, 8A
5. OUTPUT
Output voltage
nom.
12V
Adjustment range
min.
12-15V
guaranteed
max.
16.1V
at clockwise end position of potentiometer
Factory setting
12.0V
±0.2%, at full load, cold unit
Line regulation
max.
25mV
Input voltage variations between 18 to 32.4Vdc
Load regulation
max.
120mV
static value, 0A
8A
Ripple and noise voltage
max.
75mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
9.6A
at 12V, ambient < 45°C, see Fig. 5-1
nom.
8A
at 12V, ambient < 60°C, see Fig. 5-1
nom.
7.7A
at 15V, ambient < 45°C, see Fig. 5-1
nom.
6.4A
at 15V, ambient < 60°C, see Fig. 5-1
Output power
nom.
115W
for ambient temperatures < 45°C
nom.
96W
for ambient temperatures < 60°C
Short-circuit current
min.
14A
continuous current, short circuit impedance 150mOhm
max.
18A
continuous current, short circuit impedance 150mOhm
Output capacitance
typ.
6 500μF
Fig. 5-1 Output voltage vs. output current at
24Vdc input voltage, typ.
Fig. 5-2 Current limitation vs. input voltage,
(11.5V constant voltage load), typ.
Output Voltage
0
06
8
3
6
9
18V
12
15
18A
16
10
2
4
12 14
Adjustment
Range
Output Current
Output Current
9.8
15
21
27
10.0
10.2
11A
10.6
10.8
33Vdc
30
24
18
10.4
Input Voltage
Peak current capability (up to several milliseconds)
The DC/DC converter can deliver a peak current, which is higher than the specified short term current. This helps to
start current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the DC/DC converter. During this event, the capacitors will
be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 21.1.
Peak current voltage dips
typ.
from 12V to 8.3V
at 16A for 50ms, resistive load
typ.
from 12V to 6.2V
at 40A for 2ms, resistive load
typ.
from 12V to 4.3V
at 40A for 5ms, resistive load
Mar. 2016 / Rev. 1.5 DS-CD5.121-EN
All parameters are specified at 12V, 8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com