Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.121 Datasheet(PDF) 1 Page - PULS GmbH

Part # CD5.121
Description  DC/DC Converter 12V, 8A
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.121 Datasheet(HTML) 1 Page - PULS GmbH

  CD5.121 Datasheet HTML 1Page - PULS GmbH CD5.121 Datasheet HTML 2Page - PULS GmbH CD5.121 Datasheet HTML 3Page - PULS GmbH CD5.121 Datasheet HTML 4Page - PULS GmbH CD5.121 Datasheet HTML 5Page - PULS GmbH CD5.121 Datasheet HTML 6Page - PULS GmbH CD5.121 Datasheet HTML 7Page - PULS GmbH CD5.121 Datasheet HTML 8Page - PULS GmbH CD5.121 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CD5.121
CD-Series
DC/DC Converter 12V, 8A
DC/DC CONVERTER
24V DC-Input
Isolated 12Vdc Output
Efficiency up to 88.2%
Width only 32mm
20% Output Power Reserves
Full Power Between -25°C and +60°C
Soft-start Function Included
Minimal Inrush Current Surge
Reverse Input Polarity Protection
3 Year Warranty
1/22
GENERAL DESCRIPTION
The Dimension CD-Series offer DIN-rail DC/DC converters
in the 92-120W output power range in a very compact
housing. These DC/DC converters are allowed to run
with a battery or similar sources.
The CD5.121 converts a 24V voltage to a 12V voltage.
The CD5.121 includes all the essential basic functions
and has a power reserve of 20% included. This extra
power can be used continuously up to +45°C.
The output is electrically isolated from the input in a
safe way. The input is protected against reversed
voltages and contains a soft start function.
CD5.241
CD5.242
CD5.243
CD5.241-S1
24V->24V,
Spring-clamp-terminals,
Input-low, DC-OK signals
CD-Series
Related products
24V->24V
48V->24V
12V->24V
CD5.241-L1
24V->24V, NEC Class 2,
Spring-clamp-terminals,
CD5.121
24V->12V
SLD2.100
24V->5V
SHORT-FORM DATA
Output voltage
DC 12V
Adjustment range
12 - 15V
Output current
8 – 6.4A
ambient <60°C
9.6 – 7.7A
ambient <45°C
Output power
96W
ambient <60°C
115W
ambient <45°C
Output ripple
< 75mVpp
20Hz to 20MHz
Input voltage
DC 24V
Input voltage range
18 to 32.4Vdc
full specified
14,4 to 18Vdc
with derating
Input current
typ. 4.6A
at 24Vdc input
Input inrush current
typ. 1.2A peak
Efficiency
88.2%
at 24Vdc input
Losses
12.8W
at 24Vdc input
Temperature range -25°C to +70°C
operational
Derating
2.5W/°C
+60 to +70°C
Hold-up time
typ. 7ms
at 24Vdc input
Dimensions
32x124x102mm
WxHxD
Weight
425g / 0.94lb
ORDER NUMBERS
DC/DC Converter
CD5.121
Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM11.SIDE
Side mount bracket
MARKINGS
Ind. Cont. Eq.
UL 508
UL 60950-1
EMC, ATEX
Class I Div 2
IECEx
ATEX
II 3G Ex nA nC II T4 Gc
Marine
Mar. 2016 / Rev. 1.5 DS-CD5.121-EN
All parameters are specified at 12V, 8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CD5.121

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CD5.241 PULS-CD5.241 Datasheet
608Kb / 22P
DC/DC Converter
CD5.241-L1 PULS-CD5.241-L1 Datasheet
546Kb / 21P
DC/DC Converter
CD5.241-S1 PULS-CD5.241-S1 Datasheet
640Kb / 23P
DC/DC Converter
CD5.242 PULS-CD5.242 Datasheet
599Kb / 22P
DC/DC Converter
CD5.243 PULS-CD5.243 Datasheet
633Kb / 22P
DC/DC Converter
More results

Similar Description - CD5.121

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5122 ROHM-BP5122 Datasheet
560Kb / 3P
DC/DC converter (-12V/100mA output)
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
12V, 1.5A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
12V, 1.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
12V,1.5A Step-Down DC/DC Converter
logo
Delta Electronics, Inc.
PACSR12025 DELTA-PACSR12025 Datasheet
660Kb / 7P
12V Output AC/DC Converter
PACSR12042 DELTA-PACSR12042 Datasheet
739Kb / 7P
12V Output AC/DC Converter
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
8A 180KHz 40V Buck DC to DC Converter
logo
TAMURA Corporation.
SPM1203SJ TAMURA-SPM1203SJ Datasheet
360Kb / 7P
DC DC CONVERTER 12V 4W
Rev.C Sep, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com