Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.121 Datasheet(PDF) 8 Page - PULS GmbH

Part # CD5.121
Description  DC/DC Converter 12V, 8A
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.121 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CD5.121 Datasheet HTML 4Page - PULS GmbH CD5.121 Datasheet HTML 5Page - PULS GmbH CD5.121 Datasheet HTML 6Page - PULS GmbH CD5.121 Datasheet HTML 7Page - PULS GmbH CD5.121 Datasheet HTML 8Page - PULS GmbH CD5.121 Datasheet HTML 9Page - PULS GmbH CD5.121 Datasheet HTML 10Page - PULS GmbH CD5.121 Datasheet HTML 11Page - PULS GmbH CD5.121 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CD5.121
CD-Series
DC/DC Converter 12V, 8A
7. EFFICIENCY AND POWER LOSSES
Input 24Vdc
Efficiency
typ.
88.2%
at 12V, 8A
Power losses
typ.
0.6W
at no output load
typ.
6.4W
at 12V, 4A
typ.
12.8W
at 12V, 8A
typ.
16.8W
at 12V, 9.6A
Fig. 7-1
Efficiency vs. output current at 12V
output and 24Vdc input voltage, typ.
Fig. 7-2
Losses vs. output current at 12V
output and 24Vdc input voltage, typ.
Efficiency
1
85
87
89
84
90%
8A
24
5
Output Current
3
86
88
67
Power Losses
01
2
4
5
8A
0
3
9
15
18W
6
3
12
Output Current
67
Fig. 7-3
Efficiency vs. input voltage at 12V,
8A, typ.
Fig. 7-4
Losses vs. input voltage at 12V, 8A,
typ.
Efficiency
18
20
22
26
28
32Vdc
89%
86.5
87.5
88.5
88.0
87.0
86.0
24
30
Input Voltage
Power Losses
0
4
8
12
16
20
24W
18
20
24
26
28
32Vdc
22
30
Input Voltage
Mar. 2016 / Rev. 1.5 DS-CD5.121-EN
All parameters are specified at 12V, 8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com