Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.241 Datasheet(PDF) 2 Page - PULS GmbH

Part # CD5.241
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241 Datasheet(HTML) 2 Page - PULS GmbH

  CD5.241 Datasheet HTML 1Page - PULS GmbH CD5.241 Datasheet HTML 2Page - PULS GmbH CD5.241 Datasheet HTML 3Page - PULS GmbH CD5.241 Datasheet HTML 4Page - PULS GmbH CD5.241 Datasheet HTML 5Page - PULS GmbH CD5.241 Datasheet HTML 6Page - PULS GmbH CD5.241 Datasheet HTML 7Page - PULS GmbH CD5.241 Datasheet HTML 8Page - PULS GmbH CD5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CD5.241
CD-Series
DC/DC Converter 24V, 5A
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
Input Voltage ......................................................4
4.
Soft-start and Input Inrush Current Surge .........5
5.
Output .................................................................6
6.
Hold-up Time.......................................................7
7.
Efficiency and Power Losses................................8
8.
Functional Diagram.............................................9
9.
Front Side and User Elements.............................9
10. Terminals and Wiring........................................10
11. Reliability ...........................................................10
12. EMC....................................................................11
13. Environment ......................................................12
14. Protection Features ...........................................13
15. Safety Features ..................................................13
16. Dielectric Strength ............................................14
17. Approvals...........................................................15
18. RoHS, REACH and Other Fulfilled Standards .. 15
19. Physical Dimensions and Weight ..................... 16
20. Accessories ........................................................ 17
21. Application Notes............................................. 18
21.1. Peak Current Capability ...........................18
21.2. Back-feeding Loads ..................................18
21.3. Inductive and Capacitive Loads................18
21.4. Charging of Batteries ...............................19
21.5. External Input Protection.........................19
21.6. Requirements for the Supplying Source..19
21.7. Parallel Use to Increase Output Power....20
21.8. Parallel Use for Redundancy ....................20
21.9. Daisy Chaining of Outputs .......................21
21.10. Series Operation .......................................21
21.11. Use in a Tightly Sealed Enclosure ............21
21.12. Mounting Orientations ............................22
The information presented in this document is believed to be accurate and reliable and may change without notice.
Some parts of this unit are patent by PULS (US patent No 091662,063, Des. 424,529, …).
No part of this document may be reproduced or utilized in any form without permission in writing from PULS GmbH.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
DC 24V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
24Vdc
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
Mar. 2016 / Rev. 1.5 DS-CD5.241-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com