Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.241 Datasheet(PDF) 6 Page - PULS GmbH

Part # CD5.241
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CD5.241 Datasheet HTML 2Page - PULS GmbH CD5.241 Datasheet HTML 3Page - PULS GmbH CD5.241 Datasheet HTML 4Page - PULS GmbH CD5.241 Datasheet HTML 5Page - PULS GmbH CD5.241 Datasheet HTML 6Page - PULS GmbH CD5.241 Datasheet HTML 7Page - PULS GmbH CD5.241 Datasheet HTML 8Page - PULS GmbH CD5.241 Datasheet HTML 9Page - PULS GmbH CD5.241 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CD5.241
CD-Series
DC/DC Converter 24V, 5A
5. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
*)
max.
30V
at clockwise end position of potentiometer
Factory setting
24.1V
±0.2%, at full load, cold unit
Line regulation
max.
25mV
Input voltage variations between 18 to 32.4Vdc
Load regulation
max.
100mV
static value, 0A
5A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
2 200μF
Output current
nom.
6A
at 24V, ambient < 45°C, see Fig. 5-1
nom.
5A
at 24V, ambient < 60°C, see Fig. 5-1
nom.
5.2A
at 28V, ambient < 45°C, see Fig. 5-1
nom.
4.3A
at 28V, ambient < 60°C, see Fig. 5-1
Output power
nom.
144W
for ambient temperatures < 45°C
nom.
120W
for ambient temperatures < 60°C
Short-circuit current
min.
7A
continuous current, short circuit impedance 200mOhm
max.
10A
continuous current, short circuit impedance 200mOhm
*) extended guaranteed adjustment range down to 23V.
Fig. 5-1 Output voltage vs. output current at
24Vdc input voltage, typ.
Fig. 5-2 Current limitation vs. input voltage,
(23V constant voltage load), typ.
Output Voltage
0
04
8
4
8
12
28V
16
20
24
6/22
12A
10
6
2
Adjustment
Range
Output Current
Output Current
5.8
15
21
27
5.9
6.0
6.1
6.6A
6.3
6.4
6.5
6.2
Input Voltage
30
24
18
33Vdc
Peak current capability (up to several milliseconds)
The DC/DC converter can deliver a peak current, which is higher than the specified short term current. This helps to
start current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the DC/DC converter. During this event, the capacitors will
be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 21.1.
Peak current voltage dips
typ.
from 24V to 18V
at 10A for 50ms, resistive load
typ.
from 24V to 15V
at 20A for 2ms, resistive load
typ.
from 24V to 11.5V
at 20A for 5ms, resistive load
Mar. 2016 / Rev. 1.5 DS-CD5.241-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com