Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.241 Datasheet(PDF) 5 Page - PULS GmbH

Part # CD5.241
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241 Datasheet(HTML) 5 Page - PULS GmbH

  CD5.241 Datasheet HTML 1Page - PULS GmbH CD5.241 Datasheet HTML 2Page - PULS GmbH CD5.241 Datasheet HTML 3Page - PULS GmbH CD5.241 Datasheet HTML 4Page - PULS GmbH CD5.241 Datasheet HTML 5Page - PULS GmbH CD5.241 Datasheet HTML 6Page - PULS GmbH CD5.241 Datasheet HTML 7Page - PULS GmbH CD5.241 Datasheet HTML 8Page - PULS GmbH CD5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CD5.241
CD-Series
DC/DC Converter 24V, 5A
4. SOFT-START AND INPUT INRUSH CURRENT SURGE
Inrush current limitation
An active inrush limitation circuit (inrush limiting resistor which is bypassed by a relay contact) limits the input inrush
current after turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
Inrush current
max.
1.6Apeak
-25°C to +70°C, input: 24Vdc
typ.
1.2Apeak
-25°C to +70°C, input: 24Vdc
Inrush energy
typ.
negligible
-25°C to +70°C, input: 24Vdc
Fig. 4-1 Input inrush current, typical behavior
Input Current
Input Voltage
Output Voltage
Input:
24Vdc
Output:
24V, 5A, constant current load
Ambient:
25°C
Upper curve:
Input current 2A / DIV
Middle curve:
Input voltage 20V / DIV
Lower curve:
Output voltage 20V / DIV
Time basis:
100ms / DIV
Soft-start function:
After the DC/DC converter is turned on, the internal output current rises slowly to its nominal value. This method
charges the output capacitors (internal and external capacitors) slowly and avoids high input currents during turn-on.
High input currents can produce a high voltage drop on the input wiring (especially with long and thin cables) which
reduces the terminal voltage on the DC/DC converter. If the terminal voltage is below the shut-down voltage, the
DC/DC converter will turn-off and will make a new start-up attempt. This effect is avoided with the integrated soft-
start function. Please note, that this function increases the rise time of the output voltage by a small amount.
Fig. 4-2 Soft-start behavior
Input Current
Input:
24Vdc
Output:
24V, 5A, constant current load
Ambient:
25°C
No additional external output capacitors
Upper curve:
Input current 2A / DIV
Lower curve:
Output voltage 10V / DIV
Time basis:
20ms / DIV
Output Voltage
Mar. 2016 / Rev. 1.5 DS-CD5.241-EN
All parameters are specified at 24V, 5A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com