Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.243 Datasheet(PDF) 20 Page - PULS GmbH

Part # CD5.243
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.243 Datasheet(HTML) 20 Page - PULS GmbH

Back Button CD5.243 Datasheet HTML 14Page - PULS GmbH CD5.243 Datasheet HTML 15Page - PULS GmbH CD5.243 Datasheet HTML 16Page - PULS GmbH CD5.243 Datasheet HTML 17Page - PULS GmbH CD5.243 Datasheet HTML 18Page - PULS GmbH CD5.243 Datasheet HTML 19Page - PULS GmbH CD5.243 Datasheet HTML 20Page - PULS GmbH CD5.243 Datasheet HTML 21Page - PULS GmbH CD5.243 Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
CD5.243
CD-Series
DC/DC Converter 24V, 4A
21.7. PARALLEL USE TO INCREASE OUTPUT POWER
Unit A
Input
Output
Unit B
-
+
-
+
+
-
Input
Output
Load
The DC/DC-converter can be paralleled to increase the output power. There are
no feature included which balances the load current between the DC/DC
converters. Therefore some restrictions and limitations apply. The DC/DC
converter with the higher adjusted output voltage draws current until it goes
into current limitation. This means no harm or switch-off to this DC/DC converter
as long as the ambient temperature stays below 45°C. The CD5.243 can also be
paralleled with power supplies from the DIMENSION CT, QS or QT-series. For
other power supplies consult PULS. Set the “single use / parallel use” jumper to
“parallel use” if such an option is available.
20/22
the bottom and output terminals on top of the unit).
The output voltages of all DC/DC converter shall be adjusted to the same value
(±100mV) at full load. A fuse or diode on the output of each unit is only required if more than three units are
connected in parallel. This avoid that more than 2 times of the nominal output current can flow backwards into the
DC/DC converter in case the output stage of the DC/DC converter has a defect. If a fuse (or circuit breaker) is used,
choose one with approximately 150% of the rated output current of one DC/DC converter. Keep an installation
clearance of 15mm (left / right) between two DC/DC converters and avoid installing the DC/DC converters on top of
each other. Do not use DC/DC converters in parallel in mounting orientations other than the standard mounting
orientation (input terminals on
21.8. PARALLEL USE FOR REDUNDANCY
The DC/DC converters can be paralleled for 1+1 redundancy to gain higher system availability. Redundant systems
require a certain amount of extra power to support the load in case one DC/DC converter fails. The simplest way is to
put two DC/DC converters in parallel. This is called a 1+1 redundancy. In case one DC/DC converter fails, the other one
is automatically able to support the load current without any interruption. Redundant systems for a higher power
demand are usually built in an N+1 method. E.g. four DC/DC converters, each rated for 4A are paralleled to build a 12A
redundant system.
Furthermore, 1+1 redundant systems can be built by using a DC/DC converter powered from a battery and a power
supply with AC input.
Please note: This simple way to build a redundant system does not cover failures such as an internal short circuit in
the secondary side of the DC/DC converter. In such a case, the defect unit becomes a load for the other DC/DC
converters and the output voltage can not be maintained any more. This can only be avoided by utilizing decoupling
diodes which are included in the decoupling module YRM2.DIODE.
Recommendations for building redundant power systems:
a)
Use separate input fuses for each DC/DC converter.
b)
Monitor the individual DC/DC converter units. A DC-ok lamp and a DC-ok contact is included in the redundancy
module YRM2.DIODE. This feature reports a faulty unit.
c)
1+1 Redundancy is allowed up to an ambient temperature of 60°C
N+1 Redundancy is allowed up to an ambient temperature of 45°C
d)
It is desirable to set the output voltages of all units to the same value (± 100mV) or leave it at the factory setting.
Mar. 2016 / Rev. 1.3 DS-CD5.243-EN
All parameters are specified at 24V, 4A, 12Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com