Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.243 Datasheet(PDF) 4 Page - PULS GmbH

Part # CD5.243
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.243 Datasheet(HTML) 4 Page - PULS GmbH

  CD5.243 Datasheet HTML 1Page - PULS GmbH CD5.243 Datasheet HTML 2Page - PULS GmbH CD5.243 Datasheet HTML 3Page - PULS GmbH CD5.243 Datasheet HTML 4Page - PULS GmbH CD5.243 Datasheet HTML 5Page - PULS GmbH CD5.243 Datasheet HTML 6Page - PULS GmbH CD5.243 Datasheet HTML 7Page - PULS GmbH CD5.243 Datasheet HTML 8Page - PULS GmbH CD5.243 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CD5.243
CD-Series
DC/DC Converter 24V, 4A
3. INPUT VOLTAGE
Input voltage
nom.
DC 12V
Input voltage range
10.8-16.2Vdc
full specified, see Fig. 3-2 for derating below 10.8Vdc
8.4-10.8Vdc
maximal 60 seconds or with de-rating see Fig. 3-2.
max.
24.0Vdc
absolute maximum continuous input voltage with no
damage to the DC/DC converter
Allowed voltage between input
and earth
max.
60Vdc or
42.2Vac
in case the output voltage is not grounded.
Allowed input ripple voltage
max.
5Vpp
47Hz-500Hz, the momentary input voltage must always
be within the specified limits.
Turn-on voltage
typ.
8.7Vdc
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
7.2Vdc
steady-state value, see Fig. 3-1
typ.
17.0Vdc
steady-state value, see Fig. 3-1
Input current
typ.
9.2A
at 12Vdc input and output 24V, 4A, see Fig. 3-4
Start-up delay
typ.
450ms
see Fig. 3-3
Rise time
typ.
80ms
0mF, 24V, constant current load 4A, see Fig. 3-3
typ.
150ms
4mF, 24V, constant current load 4A, see Fig. 3-3
Turn-on overshoot
max.
300mV
see Fig. 3-3
Input capacitance
typ.
3 600μF
external capacitors on the input voltage bus are allowed
without any limitations.
Fig. 3-1 Input voltage range
Fig. 3-2 Allowable output current below
10.8V input voltage
V
IN
P
OUT
Rated input range
0
1
2
3
5A
8
9
10
11
12Vdc
Output Current
(a)
(b)
4
8.4
10.8
4.8A
4.0A
(c)
3.0A
(a) Ambient < 45°C
(b) Ambient < 60°C
(c) Ambient < 70°C
Input Voltage
Fig. 3-3 Turn-on behavior, definitions
Fig. 3-4 Input current vs. output load
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
5A
11.5 2
3
0
2
8
14
16A
Output Current
2.5
3.5
0.5
Input Current, typ
4
12
4.5
4
6
10
Inpu
t: 9
Vdc
Inp
ut:
12V
dc
Mar. 2016 / Rev. 1.3 DS-CD5.243-EN
All parameters are specified at 24V, 4A, 12Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com