Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD5.243 Datasheet(PDF) 6 Page - PULS GmbH

Part # CD5.243
Description  DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.243 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CD5.243 Datasheet HTML 2Page - PULS GmbH CD5.243 Datasheet HTML 3Page - PULS GmbH CD5.243 Datasheet HTML 4Page - PULS GmbH CD5.243 Datasheet HTML 5Page - PULS GmbH CD5.243 Datasheet HTML 6Page - PULS GmbH CD5.243 Datasheet HTML 7Page - PULS GmbH CD5.243 Datasheet HTML 8Page - PULS GmbH CD5.243 Datasheet HTML 9Page - PULS GmbH CD5.243 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CD5.243
CD-Series
DC/DC Converter 24V, 4A
5. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
*)
max.
30V
at clockwise end position of potentiometer
Factory setting
24.1V
±0.2%, at full load, cold unit
Line regulation
max.
25mV
Input voltage variations between 8.4 to 16.2Vdc
Load regulation
max.
100mV
static value, 0A
4A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
2 200μF
Output current
nom.
4.8A
at 24V, below 45°C ambient temperature, input voltage
between 10.8V and 16.2V
nom.
4.0A
at 24V, at 60°C ambient temperature, input voltage
between 10.8V and 16.2V
nom.
3.0A
at 24V, at 70°C ambient temperature, input voltage
between 10.8V and 16.2V
nom.
4.1A
at 28V, below 45°C ambient temperature, input voltage
between 10.8V and 16.2V
nom.
3.4A
at 28V, at 60°C ambient temperature, input voltage
between 10.8V and 16.2V
nom.
2.6A
at 28V, at 70°C ambient temperature, input voltage
between 10.8V and 16.2V
Derate output current at input voltages below 10.8V according to chapter 3.
Derate linearely between +45°C and +70°C and between 10.8V and 8.4V input
voltage.
Output power
nom.
116W
for ambient temperatures < 45°C
nom.
96W
for ambient temperatures < 60°C
Short-circuit current
min.
6A
continuous current, short circuit impedance 200mOhm
max.
9A
continuous current, short circuit impedance 200mOhm
*) extended guaranteed adjustment range down to 23V.
Fig. 5-1 Output voltage vs. output current at
12Vdc input voltage, typ.
Fig. 5-2 Current limitation vs. input voltage,
(23V constant voltage load), typ.
Output Voltage
0
04
8
4
8
12
28V
16
20
24
12A
10
6
2
Adjustment
Range
Output
Current
Output Current
4.8
811
13
4.9
5.0
5.1
5.6A
5.3
5.4
5.5
16Vdc
15
12
9
5.2
10
14
Input Voltage
Mar. 2016 / Rev. 1.3 DS-CD5.243-EN
All parameters are specified at 24V, 4A, 12Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com