Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.241 Datasheet(PDF) 10 Page - PULS GmbH

Part # CS10.241
Description  SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.241 Datasheet(HTML) 10 Page - PULS GmbH

Back Button CS10.241 Datasheet HTML 6Page - PULS GmbH CS10.241 Datasheet HTML 7Page - PULS GmbH CS10.241 Datasheet HTML 8Page - PULS GmbH CS10.241 Datasheet HTML 9Page - PULS GmbH CS10.241 Datasheet HTML 10Page - PULS GmbH CS10.241 Datasheet HTML 11Page - PULS GmbH CS10.241 Datasheet HTML 12Page - PULS GmbH CS10.241 Datasheet HTML 13Page - PULS GmbH CS10.241 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
CS10.241, CS10.241-S1
C-Line
24V, 10A, SINGLE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
90.7%
91.0%
91.6%
at 24V, 10A
typ.
90.0%
90.7%
91.2%
at 24V, 12A (Power Boost)
Average efficiency*)
typ.
90.5%
90.2%
91.0%
25% at 2.5A, 25% at 5A,
25% at 7.5A. 25% at 10A
Power losses
typ.
5.8W
8.4W
7.5W
at 24V, 0A
typ.
12.0W
12.3W
11.3W
at 24V, 5A
typ.
24.6W
23.7W
22.0W
at 24V, 10A
typ.
31.9W
29.6W
27.9W
at 24V, 12A (Power Boost)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 8-1 Efficiency vs. output current at 24V,
typ
Fig. 8-2 Losses vs. output current at 24V, typ.
Efficiency
2
89
90
91
88
92%
12A
48
10
Output Current
6
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
Power Losses
0
2
4
8
10
12A
0
4
12
16
24
28
32W
8
6
20
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
(a) (b)(c)
Output Current
Fig. 8-3 Efficiency vs. input voltage at 24V,
10A, typ.
Fig. 8-4 Losses vs. input voltage at 24V, 10A,
typ.
Efficiency
85
120
155
190
225 260Vac
88
89
90
Input Voltage
91
92%
Power Losses
9
12
15
18
21
24
27W
85
120
155
190
225 260Vac
Input Voltage
Jul. 2015 / Rev. 2.0 DS-CS10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com