Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.241 Datasheet(PDF) 12 Page - PULS GmbH

Part # CS10.241
Description  SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.241 Datasheet(HTML) 12 Page - PULS GmbH

Back Button CS10.241 Datasheet HTML 8Page - PULS GmbH CS10.241 Datasheet HTML 9Page - PULS GmbH CS10.241 Datasheet HTML 10Page - PULS GmbH CS10.241 Datasheet HTML 11Page - PULS GmbH CS10.241 Datasheet HTML 12Page - PULS GmbH CS10.241 Datasheet HTML 13Page - PULS GmbH CS10.241 Datasheet HTML 14Page - PULS GmbH CS10.241 Datasheet HTML 15Page - PULS GmbH CS10.241 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
CS10.241, CS10.241-S1
C-Line
24V, 10A, SINGLE PHASE INPUT
11. TERMINALS AND WIRING
The terminals are IP20 Finger safe constructed and suitable for field- and factory wiring.
CS10.241
CS10.241-S1
Type
Screw terminals
Quick-connect spring-clamp terminals
Solid wire
0.5-6mm2
0.5-6mm2
Stranded wire
0.5-4mm2
0.5-4mm2
American Wire Gauge
AWG20-10
AWG20-10
Max. wire diameter
2.8mm (including ferrules)
2.8mm (including ferrules)
Wire stripping length
7mm / 0.28inch
10mm / 0.4inch
Screwdriver
3.5mm slotted or cross-head No 2
not required
Recommended tightening torque
1Nm, 9lb.in
not applicable
Pull-out force
according to UL 486E
according to UL 486E
Instructions:
a)
Use appropriate copper cables that are designed for minimum operating temperatures of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum
90°C for ambient up to 70°C minimum.
b)
Follow national installation codes and installation regulations!
c)
Ensure that all strands of a stranded wire enter the terminal connection!
d)
Do not use the unit without PE connection.
e)
Unused terminal compartments should be securely tightened.
f)
Ferrules are allowed.
Jul. 2015 / Rev. 2.0 DS-CS10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com