Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.241 Datasheet(PDF) 11 Page - PULS GmbH

Part # CS10.241
Description  SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS10.241 Datasheet(HTML) 11 Page - PULS GmbH

Back Button CS10.241 Datasheet HTML 7Page - PULS GmbH CS10.241 Datasheet HTML 8Page - PULS GmbH CS10.241 Datasheet HTML 9Page - PULS GmbH CS10.241 Datasheet HTML 10Page - PULS GmbH CS10.241 Datasheet HTML 11Page - PULS GmbH CS10.241 Datasheet HTML 12Page - PULS GmbH CS10.241 Datasheet HTML 13Page - PULS GmbH CS10.241 Datasheet HTML 14Page - PULS GmbH CS10.241 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CS10.241, CS10.241-S1
C-Line
24V, 10A, SINGLE PHASE INPUT
9. LIFETIME EXPECTANCY AND MTBF
AC 100V
AC 120V
AC 230V
Lifetime expectancy*)
93 000h
99 000h
118 000h
at 24V, 5A and 40°C
264 000h*)
281 000h*)
334 000h*)
at 24V, 5A and 25°C
38 000h
50 000h
82 000h
at 24V, 10A and 40°C
107 000h
141 000h*)
233 000h*)
at 24V, 10A and 25°C
27 000h
34 000h
53 000h
at 24V, 12A and 40°C
75 000h
97 000h
149 000h*)
at 24V, 12A and 25°C
MTBF**) SN 29500, IEC 61709
612 000h
638 000h
821 000h
at 24V, 10A and 40°C
520 000h
542 000h
698 000h
at 24V, 12A and 40°C
1 019 000h
1 058 000h
1 393 000h
at 24V, 10A and 25°C
MTBF**) MIL HDBK 217F
456 000h
447 000h
472 000h
at 24V, 10A and 40°C;
Ground Benign GB40
410 000h
402 000h
425 000h
at 24V, 12A and 40°C;
Ground Benign GB40
632 000h
628 000h
653 000h
at 24V, 10A and 25°C;
Ground Bening GB25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
10. FUNCTIONAL DIAGRAM
Fig. 10-1 Functional diagram
+
+
-
-
V
OUT
Input Fuse
&
Input Filter
Output
Voltage
Regulator
Power
Converter
Output
Filter
DC
ok
L
N
Output
Over-
Voltage
Protection
Input
Rectifier
&
Inrush
Limiter
115/230V
Auto
Select
Jul. 2015 / Rev. 2.0 DS-CS10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com