Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.481 Datasheet(PDF) 2 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 2 Page - PULS GmbH

  CT10.481 Datasheet HTML 1Page - PULS GmbH CT10.481 Datasheet HTML 2Page - PULS GmbH CT10.481 Datasheet HTML 3Page - PULS GmbH CT10.481 Datasheet HTML 4Page - PULS GmbH CT10.481 Datasheet HTML 5Page - PULS GmbH CT10.481 Datasheet HTML 6Page - PULS GmbH CT10.481 Datasheet HTML 7Page - PULS GmbH CT10.481 Datasheet HTML 8Page - PULS GmbH CT10.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
AC-Input...............................................................4
4.
DC-Input...............................................................5
5.
Input Inrush Current ...........................................5
6.
Output .................................................................6
7.
Hold-up Time.......................................................7
8.
Efficiency and Power Losses................................8
9.
Functional Diagram.............................................9
10. Front Side and User Elements.............................9
11. Terminals and Wiring........................................10
12. Reliability ...........................................................10
13. EMC....................................................................11
14. Environment ......................................................12
15. Protection Features ...........................................13
16. Safety Features ..................................................13
17. Dielectric Strength ............................................13
18. Approvals...........................................................14
19. Fulfilled Standards ............................................14
20. Used Substances ............................................... 14
21. Physical Dimensions and Weight ..................... 15
22. Accessories ........................................................ 16
23. Application Notes............................................. 17
23.1. Peak Current Capability ...........................17
23.2. Back-feeding Loads ..................................17
23.3. Charging of Batteries ...............................18
23.4. Output Circuit Breakers............................18
23.5. External Input Protection.........................19
23.6. Using only 2 Legs of a 3-Phase System ....19
23.7. Inductive and Capacitive Loads................20
23.8. Parallel Use to Increase Output Power....20
23.9. Parallel Use for Redundancy ....................20
23.10. Daisy Chaining of Outputs .......................21
23.11. Series Operation .......................................21
23.12. Use in a Tightly Sealed Enclosure ............21
23.13. Mounting Orientations ............................22
The information presented in this document is believed to be accurate and reliable and may change without notice.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 400V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
400Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
50Hz vs. 60Hz
As long as not otherwise stated, AC 380V and AC 400V parameters are valid at 50Hz and AC
480V parameters are valid at 60Hz mains frequency.
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com