Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.481 Datasheet(PDF) 9 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 9 Page - PULS GmbH

Back Button CT10.481 Datasheet HTML 5Page - PULS GmbH CT10.481 Datasheet HTML 6Page - PULS GmbH CT10.481 Datasheet HTML 7Page - PULS GmbH CT10.481 Datasheet HTML 8Page - PULS GmbH CT10.481 Datasheet HTML 9Page - PULS GmbH CT10.481 Datasheet HTML 10Page - PULS GmbH CT10.481 Datasheet HTML 11Page - PULS GmbH CT10.481 Datasheet HTML 12Page - PULS GmbH CT10.481 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
9. FUNCTIONAL DIAGRAM
Fig. 9-1 Functional diagram
+
+
-
-
V
OUT
Output
Over-
Voltage
Protection
PFC
Inductor
Inrush
Limiter
Transient
Filter
Input Fuses
Input Filter
Input
Rectifier
Output
Voltage
Regulator
Power
Converter
Output
Filter
Output
Power
Manager
Temper-
ature
Shut-
down
DC-ok
LED
L2
L3
L1
Single /
Parallel
10. FRONT SIDE AND USER ELEMENTS
Fig. 10-1 Front side
A
Output Terminals
Screw terminals, dual terminals per pole
+ Positive output
- Negative (return) output
B
Input Terminals
Screw terminals
L1, L2, L3 Phase input
PE (Protective Earth) input
C
Output voltage potentiometer
Open the flap to set the output voltage. Factory set: 48.0V
D
“Parallel Use” “Single Use” selector
Set jumper to “Parallel Use” when power supplies are connected in
parallel to increase the output power. In order to achieve a sharing of
the load current between the individual power supplies, the “parallel
use” regulates the output voltage in such a manner that the voltage at
no load is approx. 5% higher than at nominal load. See also Fig. 6-2.
A missing jumper is equal to a “Single Use” mode.
Factory setting is “Single Use” mode.
E
DC-OK LED (green)
On when the voltage on the output terminals is > 36V
A
C
D
E
B
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com