Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT10.481 Datasheet(PDF) 1 Page - PULS GmbH

Part # CT10.481
Description  48V, 5A, THREE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CT10.481 Datasheet(HTML) 1 Page - PULS GmbH

  CT10.481 Datasheet HTML 1Page - PULS GmbH CT10.481 Datasheet HTML 2Page - PULS GmbH CT10.481 Datasheet HTML 3Page - PULS GmbH CT10.481 Datasheet HTML 4Page - PULS GmbH CT10.481 Datasheet HTML 5Page - PULS GmbH CT10.481 Datasheet HTML 6Page - PULS GmbH CT10.481 Datasheet HTML 7Page - PULS GmbH CT10.481 Datasheet HTML 8Page - PULS GmbH CT10.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CT10.481
C-Series
48V, 5A, THREE PHASE INPUT
POWER SUPPLY
3AC 380-480V Wide-range Input
2 or 3-Phase Operation Possible
Width only 62mm
Efficiency up to 92.9%
Excellent Partial Load Efficiency
20% Output Power Reserves
Easy fuse tripping Due to High Overload Current
Input -Transient Blanking Circuit Included
Minimal Inrush Current Surge
Three Input Fuses Included
Current Sharing Feature for Parallel Use
Full Power Between -25°C and +60°C
3 Year Warranty
1/22
GENERAL DESCRIPTION
The Dimension C-Series are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Series is part of the DIMENSION
power supply family. The most outstanding features of
CT10.481 are the high efficiency, electronic inrush
current limitation, active input transient filter and wide
operational temperature range.
The C-Series includes all the essential basic functions.
The devices have a power reserve of 20% included,
which may even be used continuously at temperatures
up to +45°C. Additionally, the CT10.481 can deliver 3
times the nominal output current for 10ms which helps
to trip fuses on faulty output branches.
SHORT-FORM DATA
Output voltage
DC 48V
Adjustment range
48-56V
Output current
5 – 4.3A
ambient <60°C
6 – 5.2A
ambient <45°C
Output power
240W
ambient <60°C
288W
ambient <45°C
Output ripple
< 100mVpp
20Hz to 20MHz
Input voltage
AC 380-480V
-15%/+20%
Mains frequency
50-60Hz
±6%
AC Input current
0.7 / 0.6A
at 3x400 / 480Vac
Power factor
0.53 / 0.52
at 3x400 / 480Vac
AC Inrush current
typ. 4A peak
Efficiency
92.8 / 92.9%
at 3x400 / 480Vac
Losses
18.6 / 18.3W
at 3x400 / 480Vac
Temperature range -25°C to +70°C
operational
Derating
6W/°C
+60 to +70°C
Hold-up time
typ. 34 / 54ms
at 3x400 / 480Vac
Dimensions
62x124x117mm
WxHxD
ORDER NUMBERS
Power Supply
CT10.481
48-56V Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YRM2.DIODE
Decoupling module
UF20.481
Buffer unit
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Marine,pending
EMC, LVD
Jan. 2010 / Rev. 1.1 DS-CT10.481-EN
All parameters are specified at 48V, 5A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CT10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CT10.241 PULS-CT10.241 Datasheet
703Kb / 22P
24V, 10A, THREE PHASE INPUT
More results

Similar Description - CT10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.481 PULS-CS10.481 Datasheet
675Kb / 26P
48V, 5A, SINGLE PHASE INPUT
QS20.481 PULS-QS20.481 Datasheet
791Kb / 25P
48V, 10A, SINGLE PHASE INPUT
QS10.481-D1 PULS-QS10.481-D1 Datasheet
872Kb / 27P
48V, 5A, SINGLE PHASE INPUT
QS10.481 PULS-QS10.481 Datasheet
865Kb / 27P
48V, 5A, SINGLE PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
THREE PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
THREE PHASE INPUT
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
THREE-PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
THREE-PHASE INPUT
CPS20.481 PULS-CPS20.481 Datasheet
669Kb / 26P
48V, 10A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com