Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM828 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM828
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM828 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM828 Datasheet HTML 1Page - National Semiconductor (TI) LM828 Datasheet HTML 2Page - National Semiconductor (TI) LM828 Datasheet HTML 3Page - National Semiconductor (TI) LM828 Datasheet HTML 4Page - National Semiconductor (TI) LM828 Datasheet HTML 5Page - National Semiconductor (TI) LM828 Datasheet HTML 6Page - National Semiconductor (TI) LM828 Datasheet HTML 7Page - National Semiconductor (TI) LM828 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Performance Characteristics (Circuit of Figure 1, V+ = 5V unless otherwise
specified) (Continued)
Connection Diagram
Ordering Information
Order Number
Package
Number
Package Marking
Supplied as
LM828M5
MA05B
S08A (Note 8)
Tape and Reel (250 units/rail)
LM828M5X
MA05B
S08A (Note 8)
Tape and Reel (3000 units/rail)
Note 8: The first letter
″S″ identifies the part as a switched capacitor converter. The next two numbers are the device number. Larger quantity reels are available upon
request.
Output Voltage
vs Load Current
DS100137-33
Efficiency vs
Load Current
DS100137-34
Switching Frequency vs
Supply Voltage
DS100137-35
Switching Frequency vs
Temperature
DS100137-36
5-Lead Small Outline Package (M5)
DS100137-13
Top View With Package Marking
DS100137-14
Actual Size
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com