Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM828 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM828
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM828 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM828 Datasheet HTML 1Page - National Semiconductor (TI) LM828 Datasheet HTML 2Page - National Semiconductor (TI) LM828 Datasheet HTML 3Page - National Semiconductor (TI) LM828 Datasheet HTML 4Page - National Semiconductor (TI) LM828 Datasheet HTML 5Page - National Semiconductor (TI) LM828 Datasheet HTML 6Page - National Semiconductor (TI) LM828 Datasheet HTML 7Page - National Semiconductor (TI) LM828 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Other Applications (Continued)
Combined Doubler and Inverter
In Figure 5, the LM828 is used to provide a positive voltage
doubler and a negative voltage converter. Note that the total
current drawn from the two outputs should not exceed 40
mA.
Regulating V
OUT
It is possible to regulate the negative output of the LM828 by
use of a low dropout regulator (such as the LP2980). The
whole converter is depicted in Figure 6. This converter can
give a regulated output from −1.8V to −5.5V by choosing the
proper resistor ratio:
V
out = Vref (1+R1/R2)
where, V
ref = 1.23V
Note that the following conditions must be satisfied simulta-
neously for worst case design:
V
in_min >Vout_min +Vdrop_max (LP2980)
+I
out_max xRout_max (LM828)
V
in_max < Vout_max +Vdrop_min (LP2980)
+I
out_min xRout_min (LM828)
DS100137-11
FIGURE 5. Combined Voltage Doubler and Inverter
DS100137-12
FIGURE 6. Combining LM828 with LP2980 to Make a Negative Adjustable Regulator
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com