Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM828 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM828
Description  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM828 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM828 Datasheet HTML 1Page - National Semiconductor (TI) LM828 Datasheet HTML 2Page - National Semiconductor (TI) LM828 Datasheet HTML 3Page - National Semiconductor (TI) LM828 Datasheet HTML 4Page - National Semiconductor (TI) LM828 Datasheet HTML 5Page - National Semiconductor (TI) LM828 Datasheet HTML 6Page - National Semiconductor (TI) LM828 Datasheet HTML 7Page - National Semiconductor (TI) LM828 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pin Description
Pin
Name
Function
1
OUT
Negative voltage output.
2
V+
Power supply positive input.
3
CAP−
Connect this pin to the negative terminal of the charge-pump capacitor.
4
GND
Power supply ground input.
5
CAP+
Connect this pin to the positive terminal of the charge-pump capacitor.
Circuit Description
The LM828 contains four large CMOS switches which are
switched in a sequence to invert the input supply voltage.
Energy transfer and storage are provided by external capaci-
tors.
Figure 2 illustrates the voltage conversion scheme.
When S
1 and S3 are closed, C1 charges to the supply volt-
age V+. During this time interval, switches S
2 and S4 are
open. In the second time interval, S
1 and S3 are open; at the
same time, S
2 and S4 are closed, C1 is charging C2. After a
number of cycles, the voltage across C
2 will be pumped to
V+. Since the anode of C
2 is connected to ground, the output
at the cathode of C
2 equals −(V+) when there is no load cur-
rent. The output voltage drop when a load is added is deter-
mined by the parasitic resistance (R
ds(on) of the MOSFET
switches and the ESR of the capacitors) and the charge
transfer loss between capacitors.
Application Information
Simple Negative Voltage Converter
The main application of LM828 is to generate a negative
supply voltage. The voltage inverter circuit uses only two ex-
ternal capacitors as shown in the Basic Application Circuits.
The range of the input supply voltage is 1.8V to 5.5V.
The output characteristics of this circuit can be approximated
by an ideal voltage source in series with a resistance. The
voltage source equals −(V+). The output resistance, R
out ,is
a function of the ON resistance of the internal MOSFET
switches, the oscillator frequency, the capacitance and the
ESR of both C
1 and C2. Since the switching current charging
and discharging C
1 is approximately twice as the output cur-
rent, the effect of the ESR of the pumping capacitor C
1 will
be multiplied by four in the output resistance. The output ca-
pacitor C
2 is charging and discharging at a current approxi-
mately equal to the output current, therefore, this ESR term
only counts once in the output resistance. A good approxi-
mation of R
out is:
where R
SW is the sum of the ON resistance of the internal
MOSFET switches shown in
Figure 2.
High capacitance, low ESR capacitors will reduce the output
resistance.
The peak-to-peak output voltage ripple is determined by the
oscillator frequency, the capacitance and ESR of the output
capacitor C
2:
Again, using a low ESR capacitor will result in lower ripple.
Capacitor Selection
The output resistance and ripple voltage are dependent on
the capacitance and ESR values of the external capacitors.
The output voltage drop is the load current times the output
resistance, and the power efficiency is
Where I
Q(V+) is the quiescent power loss of the IC device,
and I
L
2R
out is the conversion loss associated with the switch
on-resistance, the two external capacitors and their ESRs.
The selection of capacitors is based on the specifications of
the dropout voltage (which equals I
out Rout), the output volt-
age ripple, and the converter efficiency. Low ESR capacitors
(following table) are recommended to maximize efficiency,
reduce the output voltage drop and voltage ripple.
Low ESR Capacitor Manufacturers
Manufacturer
Phone
Capacitor Type
Nichicon Corp.
(708)-843-7500
PL & PF series, through-hole aluminum electrolytic
AVX Corp.
(803)-448-9411
TPS series, surface-mount tantalum
Sprague
(207)-324-4140
593D, 594D, 595D series, surface-mount tantalum
Sanyo
(619)-661-6835
OS-CON series, through-hole aluminum electrolytic
DS100137-26
FIGURE 2. Voltage Inverting Principle
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com