Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9470 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X9470 Datasheet HTML 9Page - Xicor Inc. X9470 Datasheet HTML 10Page - Xicor Inc. X9470 Datasheet HTML 11Page - Xicor Inc. X9470 Datasheet HTML 12Page - Xicor Inc. X9470 Datasheet HTML 13Page - Xicor Inc. X9470 Datasheet HTML 14Page - Xicor Inc. X9470 Datasheet HTML 15Page - Xicor Inc. X9470 Datasheet HTML 16Page - Xicor Inc. X9470 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
Figure 2. Sense and Scale Block Diagram
The wiper of the digital potentiometer acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap around
when clocked to either extreme. The electronic
switches in the potentiometer operate in a “make
before break” mode when the wiper changes tap posi-
tions. If the wiper is moved several positions, multiple
taps are connected to the wiper for tIW (SCL to
RWBIAS change).
When the device is powered-up, the X9470 will load
the last saved value from the non-volatile memory into
the WCR. Note that the current wiper position can be
saved into non-volatile memory register by using the
SCL and CS pins as shown in Figure 4.
Important note: the factory setting of the wiper counter
register is the ZERO-position (0 of 255 taps). This is
the default wiper position.
Bias Adjustment Block Instructions and Program-
ming. The SCL, INC/DEC (internal signal) and CS
inputs control the movement of the wiper along the
resistor array. (See Table 1) With CS set HIGH, the
device is selected and enabled to respond to the INC/
DEC and SCL inputs. HIGH to LOW transitions on SCL
will increment or decrement RBIAS (depending on the
state of the INC/DEC input). The INC/DEC input is
derived from the output of the comparator of the Sense
and Scale Block.
Storing Bias Resistor Values in Memory. Wiper val-
ues are stored to VOLATILE memory automatically
when CS is HIGH and INC/DEC either transitions from
HIGH to LOW or from LOW to HIGH. Wiper values are
stored to NON-VOLATILE memory during Byte Write
or as described in the following section.
Table 1. Mode Selection
* When coming out of shutdown, the CS pin must be cycled once before bias
adjustment is enabled.
INC/DEC
RWREF
RLREF
RHREF
VOUT
VDD
VSENSE+
RSENSE
VSENSE–
10k
Ω
64-tap
VREF
Comparator
INC/DEC
~1kohm
Precision
I-Amp
Cint~2pF ±10%
∆V
IDQ
RF
PA
Out
choke
Vgate
RF PA in
K2 = 20X
K1 = 50X
SDA
CS*
SCL
INC /
DEC
Mode
HH
H
VBIAS is incremented
one tap position.
HH
L
VBIAS is decremented
one tap position.
HH
X
Lock Wiper Position.
Save to volatile
memory. (BiasLock™)
XL
XX
Open Loop.
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com