Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9470 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 2 Page - Xicor Inc.

  X9470 Datasheet HTML 1Page - Xicor Inc. X9470 Datasheet HTML 2Page - Xicor Inc. X9470 Datasheet HTML 3Page - Xicor Inc. X9470 Datasheet HTML 4Page - Xicor Inc. X9470 Datasheet HTML 5Page - Xicor Inc. X9470 Datasheet HTML 6Page - Xicor Inc. X9470 Datasheet HTML 7Page - Xicor Inc. X9470 Datasheet HTML 8Page - Xicor Inc. X9470 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
PIN CONFIGURATION
ORDERING INFORMATION
PIN DESCRIPTIONS
Part Number
Temperature Range
Package
X9470V24I
-40°C TO 85°C
24-Lead TSSOP
TSSOP pin
Symbol
Brief Description
1VSENSE+
Positive sense voltage input terminal
2RHREF
Upper Terminal of Potentiometer, called the RREF potentiometer. The voltage applied to this pin will determine the
upper voltage limit of the adjustment for the Up/Down threshold of the comparator.
3RLREF
Lower Terminal of Potentiometer, called the RREF potentiometer. The voltage applied to this pin will determine the
lower voltage limit of the adjustment for the Up/Down threshold of the comparator.
4RWREF
Wiper Terminal of Potentiometer, called the RREF potentiometer. The voltage on this pin will be the threshold for
the Up/Down comparator. Also referred to as the VREF of the comparator.
5
AGND
Analog ground to allow single point grounding external to the package to minimize digital noise.
6
VSS
System (Digital) Ground Reference
7CS
Chip Select. This input enables bias calibration adjustments to the RBIAS potentiometer. CMOS input with internal
pull-down.
8
SCL
Dual function. Function 1: The increment control input. Increments or decrements the RBIAS potentiometer.
Function 2: Serial Data Clock Input. Requires external pull-up.
9
SDA
Serial Data Input. Bi-directional 2-wire interface. Requires external pull-up.
10
RHBIAS
Upper Terminal of Potentiometer, called the RBIAS potentiometer. The voltage applied to this pin will determine the
upper limit of the bias voltage to the PA (or VBIAS pin).
11
RWBIAS
Wiper Terminal of Potentiometer, called the RBIAS potentiometer. This voltage is the equivalent to the unbuffered
voltage that will appear at the VBIAS pin.
12
RLBIAS
Lower Terminal of Potentiometer, called the RBIAS potentiometer. The voltage applied to this pin will determine the
lower limit of the bias voltage to the PA (or VBIAS pin).
13
A0
External address pin which allows for a hardware slave address selection of this device.
This pin has an internal pull-down.
14
A1
External address pin which allows for a hardware slave address selection of this device.
This pin has an internal pull-down.
15
A2
External address pin which allows for a hardware slave address selection of this device.
This pin has an internal pull-down.
16
VSS
System (Digital) Ground Reference
17
VBIAS
This is the bias output voltage pin and is used to drive the filter network to the PA gate.
18
VCC
System (Digital) Supply Voltage
19
VCC
System (Digital) Supply Voltage
20
V +
Positive voltage supply for the instrumentation amplifier and other analog circuits.
21
VOUT
Instrumentation Amplifier output that is 20x or 50x the voltage across the Rsense pins.
22
INC/DEC
Status output that indicates the state of the comparator. When this pin is HIGH, the RBIAS potentiometer will in-
crement; when the pin is LOW, the RBIAS potentiometer will decrement. This pin is open drain and requires ex-
ternal resistor pull-up.
23
SHDN
Shutdown the output op amp. When SHDN is active (HIGH), the VBIAS pin is pulled LOW.
24
VSENSE-
Negative sense voltage Input terminal
VOUT
RWREF
V+
TSSOP
1
2
3
4
5
6
7
14
20
19
18
17
16
15
X9470
Vsense+
Vsense-
RHREF
RLREF
VSS
AGND
SHDN
INC/DEC
VCC
A2
RHBIAS
VCC
SDA
SCL
VBIAS
VSS
CS
8
9
10
13
RLBIAS
RWBIAS
11
12
A0
A1
24
23
22
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com