Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9470 Datasheet(PDF) 20 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X9470 Datasheet HTML 16Page - Xicor Inc. X9470 Datasheet HTML 17Page - Xicor Inc. X9470 Datasheet HTML 18Page - Xicor Inc. X9470 Datasheet HTML 19Page - Xicor Inc. X9470 Datasheet HTML 20Page - Xicor Inc. X9470 Datasheet HTML 21Page - Xicor Inc. X9470 Datasheet HTML 22Page - Xicor Inc. X9470 Datasheet HTML 23Page - Xicor Inc. X9470 Datasheet HTML 24Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Preliminary Information
X9470
20 of 25
REV 11.16 3/20/03
www.xicor.com
X9470 BUS INTERFACE INFORMATION
Figure 7. Slave Address, Word Address, and Data Bytes - Write Mode
Figure 8. Slave Address, Word Address, and Data Bytes - Read Mode
Slave Address, Byte Address, and Data Byte
The byte communication format for the serial bus is
shown in Figures 7 and 8 above. The first byte, BYTE
0, defines the device indentifier, 0101 in the upper half;
and the device slave address in the low half of the byte.
The slave address is determined by the logic values of
the A0, A1, and A2 pins of the X9470. This allows for
up to 8 unique addresses for the X9470. The next byte,
BYTE 1, is the Byte Address. The Byte Address identi-
fies a unique address for the Status or Control Regis-
ters as shown in Table 3. The following byte, Byte 2, is
the data byte that is used for READ and WRITE opera-
tions.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The device continuously monitors the SDA and
SCL lines for the start condition and will not respond to
any command until this condition has been met. See
Figure 9.
Slave Address Byte
Byte 0
D7
D6
D5
D2
D4
D3
D1
D0
A0
A7
A2
A4
A3
A1
Data Byte
Byte 2
A6
A5
0
10
S1
1
S0
R/W=0
S2
Device Identifier
Byte Address
Byte 1
Slave Address
0Fh:SR
00h : VBIAS
01h : VREF
Slave Address Byte
Byte 0
D7
D6
D5
D2
D4
D3
D1
D0
D0
D7
D2
D4
D3
D1
Data Byte
Byte 2
D6
D5
0
10
S1
1
S0
R/W
S2
Device Identifier
Data Byte
Byte 1
Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com