Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI3 Datasheet(PDF) 1 Page - Recom International Power

Part # RI3
Description  3 Watt in a SIP4 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3 Datasheet(HTML) 1 Page - Recom International Power

  RI3 Datasheet HTML 1Page - Recom International Power RI3 Datasheet HTML 2Page - Recom International Power RI3 Datasheet HTML 3Page - Recom International Power RI3 Datasheet HTML 4Page - Recom International Power RI3 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ECO-1
REV.: 0/2016
www.recom-power.com
3 Watt
SIP4
Single Output
DC/DC Converter
Features
Unregulated
Converters
• 3 Watt in a SIP4 Package
• 1-3kVDC Isolation
• Efficiency up to 90%
• -40°C to +100°C Operating Temperature Range
• IEC/EN/UL60950 Certified
• CB Report
• Industry Standard Pinout
RI3
IEC/EN60950-1 Certified
UL60950-1 Certified
CSA C22.2 NO. 60950 Certified
EN55022
Description
The RI3 series has been specifically designed for applications where board space is at a premium since
these 3 Watt converters have the same foot print as the RI series 2 Watt converters. With efficiencies
up to 90%, the full output power is available over the operating temperature range -40°C to +85°C and
the converters can be used in ambient temperatures of up to 100°C with derating. The wide selection
of input voltage and output voltage options plus an I/O-Isolation of 1kVDC, 2kVDC or 3kVDC makes
these converters suitable for many industrial applications.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. @ full load
Load (1)
[VDC]
[VDC]
[mA]
[%]
[µF]
RI3-0505S (2)
5
5
600
83
2200
RI3-0509S (2)
5
9
333
86
1200
RI3-0512S (2)
5
12
250
87
1000
RI3-0515S (2)
5
15
200
88
820
RI3-1205S (2)
12
5
600
85
2000
RI3-1209S (2)
12
9
333
88
1200
RI3-1212S (2)
12
12
250
89
1000
RI3-1215S (2)
12
15
200
89
820
RI3-1505S (2)
15
5
600
85
2000
RI3-1509S (2)
15
9
333
88
1200
RI3-1512S (2)
15
12
250
88
1000
RI3-1515S (2)
15
15
200
88
820
RI3-2405S (2)
24
5
600
86
2000
RI3-2409S (2)
24
9
333
89
1200
RI3-2412S (2)
24
12
250
90
1000
RI3-2415S (2)
24
15
200
90
820
3 YEAR
warranty
3
Model Numbering
Examples:
e.g. RI3-1212S, Single Output, 12Vin and 12Vout, 1kVDC isolation
e.g. RI3-2405S, Single Output, 24Vin and 5Vout, 1kVDC isolation
e.g. RI3-1212S/H2, Single Output, 12Vin and 12Vout, 2kVDC isolation
e.g. RI3-2405S/H2, Single Output, 24Vin and 5Vout, 2kVDC isolation
e.g. RI3-1212S/H3, Single Output, 12Vin and 12Vout, 3kVDC isolation
e.g. RI3-2405S/H3, Single Output, 24Vin and 5Vout, 3kVDC isolation
Isolation (2)
Single
Input Voltage
Output Voltage
RI3-__ __ _/_
Notes:
Note2: add suffix “H2” for 2kVDC/1second or “H3” for 3kVDC/1second isolation.
without suffix standard 1kVDC/1second isolation.
Notes:
Note1: Max. capacitive load is tested at nominal input and constant resistive load.
E224736


Similar Part No. - RI3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RI3-0509S RECOM-RI3-0509S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RI3-0512S RECOM-RI3-0512S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RI3-0515S RECOM-RI3-0515S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RI3-1205S RECOM-RI3-1205S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
More results

Similar Description - RI3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
2 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RM RECOM-RM_10 Datasheet
81Kb / 2P
0.25 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
1 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
0.25 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
1 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
3 watts in a 1 watt size package
logo
Recom International Pow...
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com