Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI3 Datasheet(PDF) 4 Page - Recom International Power

Part # RI3
Description  3 Watt in a SIP4 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3 Datasheet(HTML) 4 Page - Recom International Power

  RI3 Datasheet HTML 1Page - Recom International Power RI3 Datasheet HTML 2Page - Recom International Power RI3 Datasheet HTML 3Page - Recom International Power RI3 Datasheet HTML 4Page - Recom International Power RI3 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
CB General Safety
E224736-A31
IEC60950-1, 2nd Edition, 2013
EN60950-1, 2nd Endition, 2013
UL General Safety
E224736-A32
UL60950-1, 2nd Edition, 2014
CAN/CSA General Safety
C22.2 No. 60950-1-07, 2nd Edition, 2014
EMC Compliance
Condition
Standard / Criterion
EMI (6)
EN55022, Class B
RI3
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
L1
C2
DC
DC
C1
+Vin
-Vin
+Vout
-Vout
EMC Filtering - Suggestions for Class B
ECO-4
REV.: 0/2016
www.recom-power.com
MODEL
C1
C2
L1
RI3-05xxS
4.7µF
470pF/4kV
10µH
RI3-12xxS
4.7µF
470pF/4kV
10µH
RI3-15xxS
RI3-24xxS
2.2µF
470pF/4kV
10µH
100
80
60
40
20
0
-40
0
60
40
20
-20
100
85
120
80
Ambient Temperature [°C]
Safe Operating Area
Derating Graph
(@ Chamber and natural convection)
Notes:
Note5: For more details, please contact our technical support service at TechsupportAT@recom-power.com.
Notes:
Note6: RI3 Series can meet EN55022 Class A without any external filter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com