Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI3 Datasheet(PDF) 5 Page - Recom International Power

Part # RI3
Description  3 Watt in a SIP4 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3 Datasheet(HTML) 5 Page - Recom International Power

  RI3 Datasheet HTML 1Page - Recom International Power RI3 Datasheet HTML 2Page - Recom International Power RI3 Datasheet HTML 3Page - Recom International Power RI3 Datasheet HTML 4Page - Recom International Power RI3 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RI3
Series
ECO-5
REV.: 0/2016
www.recom-power.com
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
non conductive plastic (UL94V-0)
silicone (UL94V-0)
Package Dimension (LxWxH)
11.5 x 10.2 x 7.6mm
Package Weight
2.2g
Dimension Drawing (mm)
Bottom View
Top View
0.75
7.6
1.00 Ø +0.15/-0
11.5
7.62
2.0
1 2 3 4
Top View
0.70 Ø +0.15/-0
RI3 Series
RI3 Series
Top View
2.54
Top View
2.54
0.85Ø
1.0
Marking
embossed logo
Recommended Footprint Details
for standard and /H2
Recommended Footprint Details
for /H3
solder pad for /H3 models
Pin Connections
Pin #
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.35mm
Pin dimension:
±0.05mm
Pin pitch:
±0.25mm
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 9.3 x 16.5mm
Packaging Quantity
42pcs
Storage Temperature Range
-55°C to +125°C
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com