Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8364 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8364
Description  Micropower Undervoltage Sensing Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8364 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM8364 Datasheet HTML 1Page - National Semiconductor (TI) LM8364 Datasheet HTML 2Page - National Semiconductor (TI) LM8364 Datasheet HTML 3Page - National Semiconductor (TI) LM8364 Datasheet HTML 4Page - National Semiconductor (TI) LM8364 Datasheet HTML 5Page - National Semiconductor (TI) LM8364 Datasheet HTML 6Page - National Semiconductor (TI) LM8364 Datasheet HTML 7Page - National Semiconductor (TI) LM8364 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Notes
The propagation delay time for the LM8364 is measured
using a 470k
Ω pull-up resistor connected to from the RESET
output pin to 5V in addition to a 10pF capacitive load con-
nected from the same pin to GND. Figure 1 shows the timing
diagram for the measurement for the propagation delay.
V
DET+ is equal to the sum of the detector threshold, VDET−,
and the built in hysteresis, V
HYS.
The LM8364 ultra-low current voltage detector was designed
to monitor voltages and to provide an indication when the
monitored voltage, V
IN, dropped below a precisely trimmed
threshold voltage. This characteristic is displayed in the typi-
cal operating timing diagram below. V
IN is the voltage that is
being monitored and a pull up resistor is connected from the
RESET output pin to V
IN.VIN is at some value above VDET+
and then begins to decrease. Since this is an Active Low
device the RESET output is pulled High through the pull-up
resistor and tracks V
IN until VIN crosses the trimmed thresh-
old V
DET−. At this point the LM8364 recognizes that VIN is
now in a fault condition and the output immediately changes
to the Logic Low State. The RESET output will remain in this
low state until V
IN increases above the threshold VDET− +
V
HYS. This point is also known as VDET+ as indicated earlier.
This built-in hysteresis has been added to the design to help
prevent erratic reset operation when the input voltage
crosses the threshold.
The LM8364 has a wide variety of applications that can take
advantage of its precision and low current consumption to
monitor Input voltages even though it was designed as a
reset controller in portable microprocessor based systems. It
is a very cost effective and space saving device that will
protect your more expensive investments of microproces-
sors and other devices that need a guaranteed supply volt-
age for proper operation.
20065909
FIGURE 1. Propagation Delay Timing Diagrams
20065910
FIGURE 2. Timing Waveforms
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com