Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8364 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8364
Description  Micropower Undervoltage Sensing Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8364 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM8364 Datasheet HTML 1Page - National Semiconductor (TI) LM8364 Datasheet HTML 2Page - National Semiconductor (TI) LM8364 Datasheet HTML 3Page - National Semiconductor (TI) LM8364 Datasheet HTML 4Page - National Semiconductor (TI) LM8364 Datasheet HTML 5Page - National Semiconductor (TI) LM8364 Datasheet HTML 6Page - National Semiconductor (TI) LM8364 Datasheet HTML 7Page - National Semiconductor (TI) LM8364 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Description
20065908
Ordering Information
Package
Part Number
Package
Marking
Threshold
Output Type
Transport Media
NSC Drawing
5-Pin
SOT23
LM8364BALMF20
F01A
2.0V
Open Drain,
Active Low
1k Units Tape and Reel
MF05A
LM8364BALMFX20
3k Units Tape and Reel
LM8364BALMF30
F05A
3.0V
Open Drain,
Active Low
1k Units Tape and Reel
LM8364BALMFX30
3k Units Tape and Reel
LM8364BALMF45
F04A
4.5V
Open Drain,
Active Low
1k Units Tape and Reel
LM8364BALMFX45
3k Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com