Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8364 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8364
Description  Micropower Undervoltage Sensing Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8364 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8364 Datasheet HTML 1Page - National Semiconductor (TI) LM8364 Datasheet HTML 2Page - National Semiconductor (TI) LM8364 Datasheet HTML 3Page - National Semiconductor (TI) LM8364 Datasheet HTML 4Page - National Semiconductor (TI) LM8364 Datasheet HTML 5Page - National Semiconductor (TI) LM8364 Datasheet HTML 6Page - National Semiconductor (TI) LM8364 Datasheet HTML 7Page - National Semiconductor (TI) LM8364 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM8364
Micropower Undervoltage Sensing Circuits
General Description
The LM8364 series are micropower undervoltage sensing
circuits that are ideal for use in battery powered micropro-
cessor based systems, where extended battery life is a key
requirement.
A range of threshold voltages from 2.0V to 4.5V are available
with an active low open drain output. These devices feature
a very low quiescent current of 0.65µA typical. The LM8364
series features a highly accurate voltage reference, a com-
parator with precise thresholds and built-in hysterisis to pre-
vent erratic reset operation, and guaranteed Reset operation
down to 1.0V with extremely low standby current.
These devices are available in the space saving SOT23
5-pin surface mount package. For other undervoltage
thresholds and output options, please contact National
Semiconductor.
Features
n
Extremely Low Quiescent Current: 0.65µA, at V
IN =
2.87V
n
High Accuracy Threshold Voltage (±2.5%)
n
Open Drain Output
n
Input Voltage Range: 1V to 6V
n
Surface Mount Package (5-Pin SOT23)
n
Pin for pin compatible with MC33464
Applications
n
Low Battery Detection
n
Microprocessor reset Controller
n
Power Fail Indicator
n
Battery Backup Detection
Functional Block Diagram
20065907
Connection Diagram
5-Pin SOT23
20065906
Top View
March 2003
© 2003 National Semiconductor Corporation
DS200659
www.national.com


Similar Part No. - LM8364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
LM8364 TI2-LM8364 Datasheet
501Kb / 15P
LM8364 Micropower Undervoltage Sensing Circuits
REVISED APRIL 2013
LM8364BALMF20 TI1-LM8364BALMF20 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
LM8364BALMF20/NOPB TI1-LM8364BALMF20/NOPB Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
LM8364BALMF20/NOPB TI2-LM8364BALMF20/NOPB Datasheet
501Kb / 15P
LM8364 Micropower Undervoltage Sensing Circuits
REVISED APRIL 2013
More results

Similar Description - LM8364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com