Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS620U/TR Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS620U/TR
Description  Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS620U/TR Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS620U/TR Datasheet HTML 1Page - Dallas Semiconductor DS620U/TR Datasheet HTML 2Page - Dallas Semiconductor DS620U/TR Datasheet HTML 3Page - Dallas Semiconductor DS620U/TR Datasheet HTML 4Page - Dallas Semiconductor DS620U/TR Datasheet HTML 5Page - Dallas Semiconductor DS620U/TR Datasheet HTML 6Page - Dallas Semiconductor DS620U/TR Datasheet HTML 7Page - Dallas Semiconductor DS620U/TR Datasheet HTML 8Page - Dallas Semiconductor DS620U/TR Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
081004
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS620 digital thermometer and thermostat
provides low-voltage (1.7V
£ VDD £ 3.5V) temperature
measurements with
±0.5°C accuracy from 0°C to
+70°C and an operating temperature range of -55°C
to +125°C. The DS620 communicates over a 2-wire
digital interface. For distributed-sensing applications,
it is multidroppable with three address pins that allow
up to eight DS620s to operate on a single bus.
The DS620 has thermostat functionality with user-
defined thresholds stored in EEPROM registers, and
it can be configured for standalone thermostat
operation. The programmable output (PO) pin serves
as the thermostat output, and this pin can also be
configured to function as an active-low control for
peripheral devices.
APPLICATIONS
Portable Applications
Low-Voltage Temperature-Sensitive Applications
Computers/Servers
Test Equipment
Medical Instruments
Industrial Applications
TYPICAL OPERATING CIRCUIT
FEATURES
§ Low-Voltage Operation: 1.7V to 3.5V
§ ±0.5°C Accuracy from 0°C to +70°C
§ Operating Temperature Range: -55°C to +125°C
(-67°F to +257°F)
§ Temperature Measurements Require No
External Components
§ Resolution is User-Selectable to 10-, 11-, 12-, or
13-Bits (0.5°C, 0.25°C, 0.125°C, and 0.0625°C
LSb Weight, Respectively)
§ Multidroppable
§ Fast (200ms max) Temperature-to-Digital
Conversion Time
§ Thermostatic Settings are User-Definable and
Nonvolatile
§ Standalone Thermostat Capability
§ Data is Read/Written Through a 2-Wire Serial
Interface
§ Package: 8-Pin mSOP
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS620U
-55°C to +125°C
8 µSOP,
Exposed Pad
DS620U/T&R
-55°C to +125°C
8 µSOP
Exposed Pad
Tape-and-Reel
PIN CONFIGURATION
1
2
3
45
6
7
8
SDA
SCL
PO
GND
A2
VDD
8-Pin
mSOP Package
DS620
A1
A0
DS620
Low-Voltage,
±0.5°C Accuracy
Digital Thermometer and Thermostat
www.maxim-ic.com
Exposed Pad
VDD
PO
SDA
SCL
A0
A1
A2
GND
1.7V to 3.5V
HOST
SDA
SCL
1.7V to 3.5V
Thermostat
DS620


Similar Part No. - DS620U/TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS620U/T&R MAXIM-DS620U/T&R Datasheet
249Kb / 15P
Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
More results

Similar Description - DS620U/TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS620 MAXIM-DS620 Datasheet
249Kb / 15P
Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com