Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417BAK/883 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG417BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417BAK/883 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG417BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4
6
8
10
12
14
16
18
20
20
40
60
80
100
120
140
- 55
- 35
- 15
5
25
45
65
85
105
125
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-15
- 12
-9
-6
-3
0
3
6
9
12
15
Switching Time vs. Temperature
VS - Analog Voltage (V)
V+ - Supply Voltage (V)
Switching Threshold vs. Supply Voltage
Charge Injection vs. Analog Voltage
V =
"15 V
Temperature (
_C)
tON V = "15 V
tON V = 12 V
tOFF V = 12 V
100 k
-110
1 M
-30
10
-70
-50
100 M
1 G
Frequency (Hz)
-90
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
Loss
10 M
-10
V+ = 3 V
V - = 0 V
RL = 50 W
VL = 5 V
V+ = 12 V
20
40
60
80
100
120
140
- 55
- 35
- 15
5
25
45
65
85
105
125
Transition Time vs. Temperature
Temperature (
_C)
VL = 5 V
tOFF V = "15 V
20
30
40
50
60
70
80
90
100
- 55
- 35
- 15
5
25
45
65
85
105
125
Transition Time vs. Temperature
Temperature (
_C)
tTRANS-
V
" = "15 V
VL = 5 V
tTRANS+
V+ = 12 V
v - = 0 V
VL = 5 V
tTRANS-
tTRANS+
OIRR
XTALK
C = 10 nF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com