Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417BAK/883 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG417BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417BAK/883 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG417BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
5
10
15
20
25
30
- 15
- 10
- 5
0
5
10
15
0
50
100
150
200
250
300
0
4
8
12
16
20
V+ = 3.0 V
VL = 3 V
Supply Current vs. Input Switching Frequency
Input Switching Frequency (Hz)
V+ = 5.0 V
5
10
15
20
25
30
35
40
-20
- 15
-10
- 5
0
5
10
15
20
-55
_C
V
" = "15 V
VL = 5 V
TA = 25_C
VL = 5 V
On-Resistance vs. VD and Temperature
25
_C
85
_C
10
100
1 K
10 K
100 K
1 M
10 M
1 00 p
10 n
100 n
m
m
m
1 m
100 m
1
10
100
On-Resistance vs. VD and Unipolar Supply Voltage
VD - Drain Voltage (V)
V+ = 8.0 V
V+ = 12.0 V
V+ = 15.0 V
V+ = 20.0 V
On-Resistance vs. VD and Dual Supply Voltage
VD - Drain Voltage (V)
TA = 25_C
" 5 V
" 8 V
" 10 V
" 12 V
" 15 V
" 20 V
VD - Drain Voltage (V)
125
_C
5
10
15
20
25
30
35
40
45
50
02468
10
12
-55
_C
On-Resistance vs. VD and Temperature
25
_C
85
_C
VD - Drain Voltage (V)
125
_C
V+ = 12 V
v - = 0 V
VL = 5 V
- 100
-80
-60
-40
-20
0
20
40
60
80
100
- 15
- 10
- 5
0
5
10
15
Leakage vs. Analog Voltage
VD or VS - Drain or Source Voltage (V)
ID(off)
V
" = "15 V
VL = 5 V
TA = 25_C
ID(on)
IS(off)
10 m
1 n
V
" = "15 V
VL = 5 V
I+, I -
IL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com