Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417BAK/883 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG417BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417BAK/883 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG417BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
ORDERING INFORMATION
Temp Range
Package
Part Number
DG417B/418B
8 Pin Plastic MiniDIP
DG417BDJ
8-Pin Plastic MiniDIP
DG418BDJ
40 to 85
_C
8 Pin Narrow SOIC
DG417BDY
- 40 to 85
_C
8-Pin Narrow SOIC
DG418BDY
8 Pin MSOP
DG417BDQ
8-Pin MSOP
DG418BDQ
55 to 125
_C
8 Pin CerDIP
DG417BAK, DG417BAK/883
- 55 to 125
_C
8-Pin CerDIP
DG418BAK, DG418BAK/883
DG419B
8-Pin Plastic MiniDIP
DG419BDJ
- 40 to 85
_C
8-Pin Narrow SOIC
DG419BDY
8-Pin MSOP
DG419BDQ
- 55 to 125
_C
8-Pin CerDIP
DG419BAK, DG419BAK/883
NOTE: SMD product is dual marked with /883 number.
ABSOLUTE MAXIMUM RATINGS
V-
-20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V+
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL
(GND - 0.3 V) to (V+) + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa VS, VD
(V - ) - 2 V to (V+) + 2 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
or 30 mA, whichever occurs first
Current, (Any Terminal) Continuous
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (S or D) Pulsed 1 ms, 10% duty cycle
100 mA
. . . . . . . . . . . . . . . . . .
Storage Temperature
- 65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)b
8-Pin Plastic MiniDIPc
400 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8-Pin Narrow SOICc
400 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8-Pin MSOPd
400 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8-Pin CerDIPe
600 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 5.3 mW/
_C above 75_C
d.
Derate 4 mW/
_C above 70_C
e.
Derate 8 mW/
_C above 75_C
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
Level
Shift/
Drive
VIN
VL
S
V+
GND
V-
D
V-
V+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com