Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4899-1YCPZ-R7
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4899-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADA4899-1
Data Sheet
Rev. C | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1000
1
100
10
–12
–9
–6
–3
0
3
VS = ±5V
RL = 1kΩ
VOUT = 25mV p-p
G = –1
G = +1
G = +2
G = +5
G = +10
FREQUENCY (MHz)
Figure 5. Small Signal Frequency Response for Various Gains, RL = 1 kΩ
1000
1
100
10
–12
–9
–6
–3
0
3
VS = ±5V
RL = 100Ω
VOUT = 25mV p-p
G = –1
G = +1
G = +2
G = +5
G = +10
FREQUENCY (MHz)
Figure 6. Small Signal Frequency Response for Various Gains, RL = 100 Ω
1000
10
100
–12
–9
–6
–3
0
3
G = +1
VS = ±5V
RL = 1kΩ
VOUT = 25mV p-p
FREQUENCY (MHz)
T = +125°C
T = –40°C
Figure 7. Small Signal Frequency Response for Various Temperatures
1000
10
100
–12
–9
–6
–3
0
3
G = +1
RL = 100Ω
VOUT = 25mV p-p
FREQUENCY (MHz)
VS = ±5V
VS = +5V
Figure 8. Small Signal Frequency Response for Various Supply Voltages
CL = 15pF
RSNUB = 10Ω
CL = 15pF
CL = 5pF
CL = 2pF
CL = 0pF
1000
100
10
–12
–9
–6
–3
0
3
6
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 25mV p-p
Figure 9. Small Signal Frequency Response for Capacitive Loads
45
40
35
30
25
20
15
10
5
0
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
CAPACITIVE LOAD (pF)
VS = ±5V
VOUT = 25mV p-p
G = +1
RL = 1kΩ
G = +1
RL = 100Ω
G = +2
RL = 1kΩ
G = +1
RL = 1kΩ
RSNUB = 10Ω
Figure 10. Small Signal Frequency Response Peaking vs.
Capacitive Load for Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com