Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4899-1YCPZ-R7
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4899-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
ADA4899-1
Rev. C | Page 13 of 20
THEORY OF OPERATION
The ADA4899-1 is a voltage feedback op amp that combines
unity-gain stability with a 1 nV/√Hz input noise. It employs a
highly linear input stage that can maintain greater than −80 dBc
(at 2 V p-p) distortion out to 10 MHz while in a unity-gain
configuration. This rare combination of low gain stability,
input-referred noise, and extremely low distortion is the result
of Analog Devices proprietary op amp architecture and high
speed complementary bipolar processing technology.
The simplified ADA4899-1 topology, shown in Figure 45, is a
single gain stage with a unity-gain output buffer. It has over
80 dB of open-loop gain and maintains precision specifications
such as CMRR, PSRR, and offset to levels that are normally
associated with topologies having two or more gain stages.
BUFFER
gm
CC
R1
RL
VOUT
Figure 45. ADA4899-1 Topology
A pair of internally connected diodes limits the differential
voltage between the noninverting input and the inverting input
of the ADA4899-1. Each set of diodes has two series diodes
connected in antiparallel, which limits the differential voltage
between the inputs to approximately ±1.2 V. All of the ADA4899-1
pins are ESD protected with voltage-limiting diodes connected
between both rails. The protection diodes can handle 10 mA.
Currents should be limited through these diodes to 10 mA or less
by using a series limiting resistor.
PACKAGING INNOVATION
The ADA4899-1 is available in both a SOIC and an LFCSP, each
of which has a thermal pad that allows the device to run cooler,
thereby increasing reliability. To help avoid routing around the
pad when laying out the board, both packages have a dedicated
feedback pin on the opposite side of the package for ease in
connecting the feedback network to the inverting input. The
secondary output pin also isolates the interaction of any
capacitive load on the output and the self-inductance of the
package and bond wire from the feedback loop. When using the
dedicated feedback pin, inductance in the primary output helps to
isolate capacitive loads from the output impedance of the
amplifier.
Both the SOIC and LFCSP have modified pinouts to improve
heavy load second harmonic distortion performance. The intent
of both is to isolate the negative supply pin from the noninverting
input. The LFCSP accomplishes this by rotating the standard
8-lead package pinout counterclockwise by one pin, which puts
the supply and output pins on the right side of the package and
the input pins on the left side of the package. The SOIC is
slightly different with the intent of both isolating the inputs
from the supply pins and giving the user the option of using the
ADA4899-1 in a standard SOIC board layout with little or no
modification. Taking the unused Pin 5 and making it a second
negative supply pin allows for both an input isolated layout and
a traditional layout to be supported.
DISABLE PIN
A three-state input pin is provided on the ADA4899-1 for a
high impedance disable and an optional input bias current
cancellation circuit. The high impedance output allows several
ADA4899-1 devices to drive the same ADC or output line time
interleaved. Pulling the DISABLE pin low activates the high
impedance state (see Table 7 for threshold levels). When the
DISABLE pin is left floating (open), the ADA4899-1 operates
normally. With the DISABLE pin pulled within 0.7 V of the
positive supply, an optional input bias current cancellation
circuit is turned on, which lowers the input bias current to less
than 200 nA. In this mode, the user can drive the ADA4899-1
from a high dc source impedance and still maintain minimal
output-referred offset without having to use impedance matching
techniques. In addition, the ADA4899-1 can be ac-coupled
while setting the bias point on the input with a high dc impedance
network. The input bias current cancellation circuit doubles the
input-referred current noise, but this effect is minimal as long
as the wideband impedances are kept low (see Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com