Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4899-1YCPZ-R7
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4899-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADA4899-1
Data Sheet
Rev. C | Page 8 of 20
100
10
1
0.1
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
VS = ±5V
RL = 1kΩ
VOUT = 2V p-p
FREQUENCY (MHz)
HD3
HD2
Figure 17. Harmonic Distortion vs. Frequency
8
7
6
5
4
3
2
1
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
RL = 1kΩ
f = 5MHz
OUTPUT AMPLITUDE (V p-p)
HD3
HD2
Figure 18. Harmonic Distortion vs. Output Amplitude
100
10
1
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
RL = 1kΩ
VS = 5V
FREQUENCY (MHz)
VOUT = 2V p-p
VOUT = 1V p-p
HD3
HD2
HD3
HD2
Figure 19. Harmonic Distortion vs. Frequency
100
10
1
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +5
RL = 1kΩ
VS = ±5V
VOUT = 2V p-p
FREQUENCY (MHz)
HD2
HD3
Figure 20. Harmonic Distortion vs. Frequency
G = +5
VS = ±5V
RL = 100Ω
VOUT = 2V p-p
100
10
1
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
HD2
SOIC
–VS ON PIN 5
HD2
SOIC
–VS ON PIN 4
HD3
SOIC
–VS ON PIN 4 OR PIN 5
HD2
LFCSP
HD3
LFCSP
Figure 21. Harmonic Distortion vs. Frequency for
Various Pinouts and Packages
G = +1
VS = ±5V
RL = 100Ω
VOUT = 2V p-p
100
10
1
0.1
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
HD3
LFCSP OR SOIC
HD2
SOIC
HD2
LFCSP
Figure 22. Harmonic Distortion vs. Frequency for Both Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com