Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9040 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9040
Description  Dual Lambda Sensor Interface Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9040 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM9040 Datasheet HTML 2Page - National Semiconductor (TI) LM9040 Datasheet HTML 3Page - National Semiconductor (TI) LM9040 Datasheet HTML 4Page - National Semiconductor (TI) LM9040 Datasheet HTML 5Page - National Semiconductor (TI) LM9040 Datasheet HTML 6Page - National Semiconductor (TI) LM9040 Datasheet HTML 7Page - National Semiconductor (TI) LM9040 Datasheet HTML 8Page - National Semiconductor (TI) LM9040 Datasheet HTML 9Page - National Semiconductor (TI) LM9040 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Open Input Pins Defaults (Continued)
In the cases where both the inverting and non-inverting pins
are open the non-inverting condition (ie
voltage divider
across the output) will be the dominant condition
Any common mode signal seen by inverting input pin should
not be allowed to exceed the Common Mode voltage range
Exceeding the positive Common Mode voltage limit could
cause the inverting input pin voltage comparator to act as if
the inverting input pin is open Since the comparator circuit
is not part of the switched capacitor network there is no
frequency limitation on the signal to the comparator Any
transient on the inverting input pin which goes above the
comparator threshold will immediately cause the output to
switch to the open sensor mode The output will return to
normal operation when the voltage on the inverting input
falls below the comparator threshold
Supply Bypassing
For best performance the LM9040 requires a VCC supply
which is stable and noise free The same 5V VREF supply
used for the AD converter is the recommended VCC sup-
ply During operation the device will generate current spikes
coincident with the clock edges Inadequate bypassing will
cause excessive clock noise on the outputs as well as
noise on the VCC line The LM9040 VCC pin should be by-
passed with a minimum 01 mF capacitor to the Signal
Ground pin and should be located as close to the device as
possible
Some applications may require an additional
47 mF tantalum capacitor especially if there are several
other switched capacitor devices running off the same 5V
supply line The Signal and Digital Ground pins should be
tied together as close to the device as possible
TLH12372 – 21
FIGURE 11 Typical Application
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com