Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9040 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9040
Description  Dual Lambda Sensor Interface Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9040 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9040 Datasheet HTML 1Page - National Semiconductor (TI) LM9040 Datasheet HTML 2Page - National Semiconductor (TI) LM9040 Datasheet HTML 3Page - National Semiconductor (TI) LM9040 Datasheet HTML 4Page - National Semiconductor (TI) LM9040 Datasheet HTML 5Page - National Semiconductor (TI) LM9040 Datasheet HTML 6Page - National Semiconductor (TI) LM9040 Datasheet HTML 7Page - National Semiconductor (TI) LM9040 Datasheet HTML 8Page - National Semiconductor (TI) LM9040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
b
03V to a60V
Input Voltage Continuous (Note 1)
g
14V
Input Voltage Transient t s 1 ms (Note 1)
g
60V
ESD Susceptibility (Note 2)
g
2000V
Maximum Junction Temperature
150 C
Storage Temperature Range
b
65 Cto a150 C
Lead Soldering Information
Vapor Phase (60 Seconds)
215 C
Infrared (15 Seconds)
220 C
Operating Ratings
Supply Voltage
475V to 525V
Differential Input Voltage
0V to a1V
Common Mode Voltage
g
2V
Power Dissipation
42 mW
DC Electrical Characteristics
The following specifications apply for VCC e 50V VDIFF e 500 mV VCM e 0V ROSC e 178 kX b40 C s TA s a125 C DC
Test Circuit
Figure 1 unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
ICC
Supply Current
475V s VCC s 525V
80
mA
ZDIFF
Differential Input Impedance
475V s VCC s 525V
105
160
Meg X
ZIO
Inverting Input to Ground Impedance
Non-Inverting Inputs Open
1000
Meg X
VOL
Output Low Voltage
VDIFF e 0V ILOAD e 20 mA
100
mV
VOC
VOUT Center
One or Both Input(s) Open
VCC  0380 VCC  0425
V
475V s VCC s 525V
VOUT(ERROR) (VOUT)–(VDIFF  453)
50 mV s VDIFF s 950 mV VCM e 0V
g
65
mV
VOH
Output High Voltage
VDIFF e 5V ILOAD eb2 mAVCC b 01V
V
ROUT
Output Resistance
1500
3500
X
CMRR(DC)
DC Common Mode Error
b
2V s VCM s a2V
g
45
mVV
TRISE
Output Rise Time
COUT e 001 mF
12
ms
TFALL
Output Fall Time
COUT e 001 mF
12
ms
FC
Low Pass Filter b3dB
COUT e 001 mF
400
700
Hz
Note 1
The input voltage must be applied through external 4 kX input resistors See
Figure 2 AC Test Circuit Amplifier operation will be disrupted but will not be
destructive
Note 2
ESD rating is with Human Body Model 100 pF discharged through a 1500X resistor
TLH12372 – 2
FIGURE 1 DC Test Circuit
TLH12372 – 3
FIGURE 2 AC Test Circuit
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com