Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9040
Description  Dual Lambda Sensor Interface Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9040 Datasheet HTML 1Page - National Semiconductor (TI) LM9040 Datasheet HTML 2Page - National Semiconductor (TI) LM9040 Datasheet HTML 3Page - National Semiconductor (TI) LM9040 Datasheet HTML 4Page - National Semiconductor (TI) LM9040 Datasheet HTML 5Page - National Semiconductor (TI) LM9040 Datasheet HTML 6Page - National Semiconductor (TI) LM9040 Datasheet HTML 7Page - National Semiconductor (TI) LM9040 Datasheet HTML 8Page - National Semiconductor (TI) LM9040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH12372
August 1995
LM9040
Dual Lambda Sensor Interface Amplifier
General Description
The LM9040 is a dual sensor interface circuit consisting of
two independent sampled input differential amplifiers de-
signed for use with conventional Lambda Oxygen Sensors
The Lambda Sensor is used for monitoring the oxygen con-
centration in the exhaust of gasoline engines using catalytic
after treatment and will deliver a voltage signal which is de-
pendent on the air-fuel mixture The gain of the amplifiers
are internally set and can directly convert the Lambda sen-
sor output voltage to a level suitable for AD conversion in a
system using a 5V reference
The input common mode voltage range of each amplifier is
g
2V with respect to the IC ground pin This will allow the IC
to connect to sensors which are remotely grounded at the
engine exhaust manifold or exhaust pipe
Each amplifier is capable of independent default operation
should either or both of the leads to a sensor become
open circuited
Noise filtering is provided by an internal switched capacitor
low pass filter as part of each amplifier and by external
components
The LM9040 is fully specified over the automotive tempera-
ture range of b40 Cto a125 C and is provided in a 14-pin
Small Outline surface mount package
Features
Y
Single 5V supply operation
Y
Common mode input voltage range of g2V
Y
Differential input voltage range of 50 mV to 950 mV
Y
Sampled differential input
Y
Switched capacitor low pass filter
Y
Internal oscillator and VBB generator
Y
Open input default operation
Y
Cold sensor default operation
Y
Low power consumption (42 mW max)
Y
Gain set by design and guaranteed over the operating
temperature range
Applications
Y
Closed loop emissions control
Y
Catalytic converter monitoring
Connection Diagram
TLH12372 – 1
Top View
Ordering Information
LM9040M
See NS Package Number M14B
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM9040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
LM9044 Lambda Sensor Interface Amplifier
logo
Texas Instruments
LM9044 TI-LM9044 Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
logo
National Semiconductor ...
LM9044V NSC-LM9044V Datasheet
125Kb / 6P
LM9044 Lambda Sensor Interface Amplifier
logo
Texas Instruments
LM9044V/NOPB TI-LM9044V/NOPB Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
LM9044VX/NOPB TI-LM9044VX/NOPB Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
More results

Similar Description - LM9040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
LM9044 Lambda Sensor Interface Amplifier
logo
Analog Devices
AD22050 AD-AD22050 Datasheet
148Kb / 8P
Single-Supply Sensor Interface Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
SENSOR INTERFACE AMPLIFIER
logo
IC-Haus GmbH
IC-DI ICHAUS-IC-DI Datasheet
55Kb / 15P
DUAL SENSOR INTERFACE
logo
Analog Devices
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. A
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
Single-Supply Sensor Interface Amplifier
5/2017-Rev. A to Rev. B
logo
Bosch Sensortec GmbH
CJ125 BOSCH-CJ125 Datasheet
474Kb / 7P
Product Information Lambda Probe Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com