Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD50NBT Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # SSD50NBT
Description  This document describes key hardware aspects of the Laird SSD50NBT system in package
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD50NBT Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button SSD50NBT Datasheet HTML 9Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 10Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 11Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 12Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 13Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 14Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 15Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 16Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
SSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
13
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Feature
Description
Hardware Power
States
The SSD50NBT hardware has five top-level hardware power states managed by the RTC block.
State
Description
OFF
 CHIP_PWD_L pin assertion immediately brings the chip to the OFF state.
 Sleep clock is disabled.
 No state is preserved.
HOST_OFF
 WLAN is turned off. The Bluetooth clock is off but should also be powered
down through BT_PWD_L.
 Only the host interface is powered on. The rest of the chip is power gated
(off).
 The host instructs the SSD50NBT to transition to WAKEUP by writing a register
in the host interface domain.
 The embedded CPU and WLAN do not retain state (separate entry).
 For USB, this state can be bypassed by asserting FORCE_HOST_ON_L during
CHIP_PWD_L de-assertion.
SLEEP
 Only the sleep clock is operating.
 The crystal or oscillator is disabled.
 Any wakeup events force a transition from this state to the WAKEUP state.
 All internal states are maintained.
WAKEUP
 The system transitions from sleep states to ON.
 The high frequency clock is gated off as the crystal or oscillator is brought up
and the PLL is enabled.
 WAKEUP duration is programmable.
ON
 The high speed clock is operational and sent to each block enabled by the
clock control register.
 Lower level clock gating is implemented at the block level, including the CPU,
which can be gated off using the WAITI instruction while the System is on.
 No CPU, host, and WLAN activities transition to sleep states. WLAN must be
initialized prior to Bluetooth initialization and use.
Sleep State
Management
Sleep state minimizes power consumption while saving system states. In sleep state, all high speed
clocks are gated off and the external reference clock source is powered off.
The system remains in sleep state until a WAKEUP event causes the system to enter WAKEUP state,
waits for the reference clock source to stabilize, and then un-gates all enabled clock trees. The
embedded CPU wakes up only when an interrupt arrives, which may have also generated the system
WAKEUP event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com