Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD50NBT Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # SSD50NBT
Description  This document describes key hardware aspects of the Laird SSD50NBT system in package
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD50NBT Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button SSD50NBT Datasheet HTML 17Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 18Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 19Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 20Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 21Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 22Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 23Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 24Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
SSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
21
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
HT20, MCS0
31
HT20, MCS7
14
3Performance data are measured under signal chain operation.
4Performance data are measured under signal chain operation.
Table 11: WLAN Receiver Characteristics for 5 GHz Dual Chain Operation
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Frx
Receive input frequency
range
5.15
5.825
GHz
Srf
Sensitivity
OFDM, 6 Mbps
See Note5
-93
dBm
OFDM, 54 Mbps
-75
HT20, MCS0
-93
HT20, MCS7
-72
HT40, MCS0
-87
HT40, MCS7
-67
Radj
Adjacent channel rejection
OFDM, 6 Mbps
See Note6
22
dB
OFDM, 54 Mbps
9
HT20, MCS0
20
HT20, MCS7
19
5Performance data are measured under dual chain operation.
6Performance data are measured under dual chain operation.
8.5
WLAN Transmitter Characteristics
Table 12: WLAN transmitter characteristics for 2.4 GHz per chain operation
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ftx
Transmit output frequency range
2.412
2.484
GHz
Pout
Output power
See Note7
11b mask compliant
1Mbps
18
dBm
11g mask compliant
6Mbps
18
11g EVM compliant
54Mbps
15
11n HT20 mask compliant
MCS0
18
11n HT20 EVM compliant
MCS7
14
11n HT20 EVM compliant
MCS15
14
ATx
Transmit power accuracy at 18 dBm
-
-
+ 2.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com