Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD50NBT Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # SSD50NBT
Description  This document describes key hardware aspects of the Laird SSD50NBT system in package
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD50NBT Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button SSD50NBT Datasheet HTML 5Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 6Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 7Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 8Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 9Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 10Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 11Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 12Page - Laird Tech Smart Technology SSD50NBT Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
SSD50NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
9
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Feature
Description
802.11n (5 GHz) (UNII-3) or CH 148 – CH 165
6.5 Mbps (MCS0;HT20)
16 dBm (40 mW)
65 Mbps (MCS7;HT20)
(MCS0;HT40)
(MCS7; HT40)
13 dBm (20 mW)
15 dBm (32 mW)
12 dBm (16 mW)
Bluetooth
1 Mbps
6 dBm (4 mW)
2 Mbps
6 dBm (4 mW)
3 Mbps
3 dBm (2 mW)
Typical Receiver Sensitivity
Note: All values nominal, +/-3 dBm.
802.11a:
6 Mbps
-93 dBm
54 Mbps
-75 dBm (PER <= 10%)
802.11b:
1 Mbps
-95 dBm
11 Mbps
-88 dBm (PER <= 10%)
802.11g:
6 Mbps
-92 dBm
54 Mbps
-75 dBm (PER <= 10%)
802.11n (2.4 GHz)
MCS0 Mbps
-92 dBm
MCS7 Mbps
-72 dBm
802.11n (5 GHz)
MCS0 Mbps
MCS7 Mbps
-93 dBm
-72 dBm
Bluetooth:
1 Mbps
-84 dBm
(1DH1)
3 Mbps
-76 dBm
(3DH5)
BLE
-87 dBm
Operating Systems Supported
Windows Mobile 5.0, 6.0, 6.1, 6.5
Windows Embedded Compact (CE) 5.0, 6.0, 7.0, 2013
Linux 2.6.x, 3.x.x, 4.0.x kernel
Android 4.1.2 (Jellybean) and forward



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com