Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS889834 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS889834
Description  LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889834 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS889834 Datasheet HTML 1Page - Integrated Circuit Systems ICS889834 Datasheet HTML 2Page - Integrated Circuit Systems ICS889834 Datasheet HTML 3Page - Integrated Circuit Systems ICS889834 Datasheet HTML 4Page - Integrated Circuit Systems ICS889834 Datasheet HTML 5Page - Integrated Circuit Systems ICS889834 Datasheet HTML 6Page - Integrated Circuit Systems ICS889834 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.icst.com/products/hiperclocks.html
Aug 02, 2002
4
Integrated
Circuit
Systems, Inc.
HiPerClockS™ Application Note
3.3V LVPECL DRIVER TERMINATION
AC Coupled Termination
For AC termination, the offset level needs to be taken care of after the AC capacitors. A bias circuit might be
required. The board design engineer needs to verify what type of receiver is being driven. A few examples of AC
couple termination are shown in this section.
In Figure 6, the R3 and R4 at the driver pins provide a current path for the LVPECL driver. R1 and R2 serve as
matched load termination. The power supply V
BB controls the offset level so that the signal offset fall within the
VCMR input requirement of the receiver. Figure 7 and Figure 8 are equivalent to Figure 5. The Figure 7 is
equivalent to V
BB=VCC-2V. This offset is suitable for interfacing with HiPerClockS
TM CLK/nCLK input. Figure 8 is
equivalent to V
BB=VCC-1.3V. This offset is suitable for interfacing with HiPerClockS
TM PCLK/nPCLK input. Figure 9
shows AC termination with the offset bias voltage V
BB provided at the receiving end.
Figure 10 shows AC
termination with the offset bias voltage V
BB provided by the receiver device.
In some cases, for the receiver with
built-in bias resistors R1 and R2, the termination is shown in Figure 11.
R3
100-180
C2
nTL1
Zo = 50
Td
+
-
VCCO=3.3V
R4
100-180
VBB
R2
50
C1
TL1
Zo = 50
Td
R1
50
3v3 PECL Driver
U1
Figure 6 AC Coupled with V
BB power supply provided at the receiving end



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com