Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS889834 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS889834
Description  LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889834 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS889834 Datasheet HTML 1Page - Integrated Circuit Systems ICS889834 Datasheet HTML 2Page - Integrated Circuit Systems ICS889834 Datasheet HTML 3Page - Integrated Circuit Systems ICS889834 Datasheet HTML 4Page - Integrated Circuit Systems ICS889834 Datasheet HTML 5Page - Integrated Circuit Systems ICS889834 Datasheet HTML 6Page - Integrated Circuit Systems ICS889834 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.icst.com/products/hiperclocks.html
Aug 02, 2002
1
Integrated
Circuit
Systems, Inc.
HiPerClockS™ Application Note
3.3V LVPECL DRIVER TERMINATION
This application note provides termination examples for HiPerClockS
TM 3.3V LVPECL drivers. The HiPerClockSTM
3.3V LVPECL driver is an open source/emitter driver as shown in Figure 1. Proper termination is required to
ensure proper function of the device and signal integrity. There are many different termination schemes for the
LVPECL drivers. This application note includes standard direct termination and AC coupled termination. The
following termination approaches are only general recommendations under ideal conditions. Board designers
should consult with their signal integrity engineers or verify through simulations in their system environment. The
trace length and physical location of the components can affect signal integrity. The 50-Ohm transmission lines
in the following diagrams indicate whether the components should be located near the driver or near the
receiver.
P.C. Board
VCCO
VCCO
Zo = 50
Q
VCCO-2V
R1
VEE
R3
50
nQ
Zo = 50
R4
50
LVPECL Driver
R2
Figure 1 HiPerClockS
TM LVPECL driver
Direct LVPECL Termination
The standard 3.3V LVPECL termination is shown in Figure 2. This termination scheme is used in
characterization. The draw back of using this termination scheme in real applications is that it requires an
additional power supply V
CCO-2V = 1.3V. In actual applications, the terminations shown in Figure 3 and Figure 4
are commonly used. These termination approaches eliminate the need of 1.3V power supply. In Figure 5, R1
and R2 located near the driver serve as current paths for the LVPECL outputs. The R3=100 Ohm located near
the receiving serves as matched load termination for the transmission lines.


Similar Part No. - ICS889834

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS889834 ICST-ICS889834 Datasheet
70Kb / 7P
3.3V LVPECL DRIVER TERMINATION
More results

Similar Description - ICS889834

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8S89834I IDT-ICS8S89834I Datasheet
879Kb / 17P
Low Skew, 2-to-4 LVCMOS/LVTTL-to-LVPECL/ECL Clock Multiplexer
8S89834I IDT-8S89834I Datasheet
315Kb / 18P
Low Skew, 2-to-4 LVCMOS/LVTTL-to- LVPECL/ECL Clock Multiplexer
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8S89834I RENESAS-8S89834I Datasheet
649Kb / 17P
Low Skew, 2-to-4 LVCMOS/LVTTL-toLVPECL/ECL Clock Multiplexer
September 22, 2017
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com